Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2N02E Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMDF2N02E
Description  Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2N02E Datasheet(HTML) 2 Page - ON Semiconductor

  MMDF2N02E Datasheet HTML 1Page - ON Semiconductor MMDF2N02E Datasheet HTML 2Page - ON Semiconductor MMDF2N02E Datasheet HTML 3Page - ON Semiconductor MMDF2N02E Datasheet HTML 4Page - ON Semiconductor MMDF2N02E Datasheet HTML 5Page - ON Semiconductor MMDF2N02E Datasheet HTML 6Page - ON Semiconductor MMDF2N02E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMDF2N02E
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 mAdc)
V(BR)DSS
25
−
−
Vdc
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
−
−
1.0
10
mAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
−
−
100
nAdc
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
(VDS = VGS, ID = 250 mAdc
VGS(th)
1.0
2.0
3.0
Vdc
Static Drain−to−Source On−Resistance
(VGS = 10 Vdc, ID = 2.2 Adc)
(VGS = 4.5 Vdc, ID = 1.0 Adc)
RDS(on)
−
−
0.083
0.110
0.100
0.200
W
Forward Transconductance (VDS = 3.0 Vdc, ID = 1.0 Adc)
gFS
1.0
2.6
−
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
−
380
532
pF
Output Capacitance
Coss
−
235
329
Transfer Capacitance
Crss
−
55
110
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc, RG = 6.0 W)
td(on)
−
7.0
21
ns
Rise Time
tr
−
17
30
Turn−Off Delay Time
td(off)
−
27
48
Fall Time
tf
−
18
30
Turn−On Delay Time
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 4.5 Vdc, RG = 9.1 W)
td(on)
−
10
30
Rise Time
tr
−
35
70
Turn−Off Delay Time
td(off)
−
19
38
Fall Time
tf
−
25
50
Gate Charge
(VDS = 16 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
QT
−
10.6
30
nC
Q1
−
1.3
−
Q2
−
2.9
−
Q3
−
2.7
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage (Note 2)
(IS = 2.0 Adc, VGS = 0 Vdc)
VSD
−
1.0
1.4
Vdc
Reverse Recovery Time
See Figure 11
(IS = 2.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms)
trr
−
34
66
ns
ta
−
17
−
tb
−
17
−
Reverse Recovery Storage Charge
QRR
−
0.03
−
mC
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com