Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2N02E Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDF2N02E
Description  Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2N02E Datasheet(HTML) 1 Page - ON Semiconductor

  MMDF2N02E Datasheet HTML 1Page - ON Semiconductor MMDF2N02E Datasheet HTML 2Page - ON Semiconductor MMDF2N02E Datasheet HTML 3Page - ON Semiconductor MMDF2N02E Datasheet HTML 4Page - ON Semiconductor MMDF2N02E Datasheet HTML 5Page - ON Semiconductor MMDF2N02E Datasheet HTML 6Page - ON Semiconductor MMDF2N02E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 7
1
Publication Order Number:
MMDFN02E/D
MMDF2N02E
Power MOSFET
2 Amps, 25 Volts
N−Channel SO−8, Dual
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain−to−source diode has a low reverse recovery time. MiniMOS
t
devices are designed for use in low voltage, high speed switching
applications where power efficiency is important. Typical applications
are dc−dc converters, and power management in portable and battery
powered products such as computers, printers, cellular and cordless
phones. They can also be used for low voltage motor controls in mass
storage products such as disk drives and tape drives. The avalanche
energy is specified to eliminate the guesswork in designs where
inductive loads are switched and offer additional safety margin against
unexpected voltage transients.
Features
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive − Can Be Driven by Logic ICs
• Miniature SO−8 Surface Mount Package − Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• IDSS Specified at Elevated Temperatures
• Avalanche Energy Specified
• Mounting Information for SO−8 Package Provided
• Pb−Free Package is Available
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
25
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 20
Vdc
Drain Current − Continuous @ TA = 25°C
Drain Current − Continuous @ TA = 100°C
Drain Current − Single Pulse (tp ≤ 10 ms)
ID
ID
IDM
3.6
2.5
18
Adc
Apk
Total Power Dissipation @ TA = 25°C (Note 1)
PD
2.0
W
Operating and Storage Temperature Range
TJ, Tstg
−55 to 150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C (VDD = 20 Vdc,
VGS = 10 Vdc, Peak IL = 9.0 Apk,
L = 6.0 mH, RG = 25 W)
EAS
245
mJ
Thermal Resistance, Junction−to−Ambient
(Note 1)
RqJA
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, 0.0625
″ from case for 10 seconds
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Mounted on 2
″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided) with
one die operating, 10 sec. max.
Source−1
1
2
3
4
8
7
6
5
Gate−1
Source−2
Gate−2
Drain−1
Drain−1
Drain−2
Drain−2
2 AMPERES, 25 VOLTS
RDS(on) = 100 mW
Device
Package
Shipping†
ORDERING INFORMATION
MMDF2N02ER2
SO−8
2500 Tape & Reel
N−Channel
PIN ASSIGNMENT
D
S
G
http://onsemi.com
MMDF2N02ER2G
SO−8
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Discrete
(Pb−Free)
SO−8
CASE 751
STYLE 11
MARKING
DIAGRAM
F2N02
= Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
F2N02
AYWW
G
G
1
8
1
8


Similar Part No. - MMDF2N02E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2N02E MOTOROLA-MMDF2N02E Datasheet
276Kb / 10P
DUAL TMOS MOSFET 3.6 AMPERES 25 VOLTS
More results

Similar Description - MMDF2N02E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB23N03R ONSEMI-NTB23N03R Datasheet
63Kb / 6P
Power MOSFET 23 Amps, 25 Volts N?묬hannel D2PAK
August, 2005 ??Rev. 2
NTMD4N03R2 ONSEMI-NTMD4N03R2 Datasheet
80Kb / 8P
Power MOSFET 4 Amps, 30 Volts N?묬hannel SO?? Dual
May, 2004 ??Rev. 1
MMDF3N06VL ONSEMI-MMDF3N06VL Datasheet
52Kb / 4P
Power MOSFET 3 Amps, 60 Volts N?묬hannel SO??, Dual
April, 2004 ??Rev. 2
NTD14N03R ONSEMI-NTD14N03R Datasheet
65Kb / 6P
Power MOSFET 14 Amps, 25 Volts N?묬hannel DPAK
October, 2003 ??Rev. 3
MMDF2P02E ONSEMI-MMDF2P02E Datasheet
99Kb / 7P
Power MOSFET 2 Amps, 25 Volts P?묬hannel SO??, Dual
April, 2006 ??Rev. 8
MMDF2P02HD ONSEMI-MMDF2P02HD Datasheet
100Kb / 8P
Power MOSFET 2 Amps, 20 Volts P?묬hannel SO??, Dual
February, 2006 ??Rev. 7
MMSF3P02HD ONSEMI-MMSF3P02HD Datasheet
102Kb / 8P
Power MOSFET 3 Amps, 20 Volts P?묬hannel SO??
February, 2006 ??Rev. 7
NTMSD6N303R2 ONSEMI-NTMSD6N303R2 Datasheet
228Kb / 11P
Power MOSFET 6 Amps, 30 Volts N?묬hannel SO?? FETKY
March, 2006 ??Rev. 2
MMDF7N02ZR2 ONSEMI-MMDF7N02ZR2 Datasheet
256Kb / 12P
Power MOSFET 7 Amps, 20 Volts N?묬hannel SO??, Dual
September, 2004?뭃ev. XXX
MMDF2P03HDR2 ONSEMI-MMDF2P03HDR2 Datasheet
236Kb / 10P
Power MOSFET 2 Amps, 30 Volts P?묬hannel SO??, Dual
August, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com