Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2N02E Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMDF2N02E
Description  Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2N02E Datasheet(HTML) 4 Page - ON Semiconductor

  MMDF2N02E Datasheet HTML 1Page - ON Semiconductor MMDF2N02E Datasheet HTML 2Page - ON Semiconductor MMDF2N02E Datasheet HTML 3Page - ON Semiconductor MMDF2N02E Datasheet HTML 4Page - ON Semiconductor MMDF2N02E Datasheet HTML 5Page - ON Semiconductor MMDF2N02E Datasheet HTML 6Page - ON Semiconductor MMDF2N02E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMDF2N02E
http://onsemi.com
4
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge
controlled. The lengths of various switching intervals (
Dt)
are determined by how fast the FET input capacitance can
be charged by current from the generator.
The published capacitance data is difficult to use for
calculating rise and fall because drain−gate capacitance
varies greatly with applied voltage. Accordingly, gate
charge data is used. In most cases, a satisfactory estimate of
average input current (IG(AV)) can be made from a
rudimentary analysis of the drive circuit so that:
t = Q/IG(AV)
During the rise and fall time interval when switching a
resistive load, VGS remains virtually constant at a level
known as the plateau voltage, VSGP. Therefore, rise and fall
times may be approximated by the following:
tr = Q2 x RG/(VGG − VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance and Q2 and VGSP are read
from the gate charge curve.
During the turn−on and turn−off delay times, gate current
is not constant. The simplest calculation uses appropriate
values from the capacitance curves in a standard equation for
voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG − VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve
at a voltage corresponding to the off−state condition when
calculating td(on) and is read at a voltage corresponding to the
on−state when calculating td(off).
At high switching speeds, parasitic circuit elements
complicate the analysis. The inductance of the MOSFET
source lead, inside the package and in the circuit wiring
which is common to both the drain and gate current paths,
produces a voltage at the source which reduces the gate drive
current. The voltage is determined by Ldi/dt, but since di/dt
is a function of drain current, the mathematical solution is
complex.
The
MOSFET
output
capacitance
also
complicates the mathematics. And finally, MOSFETs have
finite internal gate resistance which effectively adds to the
resistance of the driving source, but the internal resistance
is difficult to measure and, consequently, is not specified.
Figure 7. Capacitance Variation
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Qg, TOTAL GATE CHARGE (nC)
02
4
6
8
ID = 2.3 A
TJ = 25°C
VGS
6
3
0
12
9
16
12
8
4
0
VDS
Q1
Q2
Q3
10
12
10
0
10
15
25
VGS
VDS
TJ = 25°C
VDS = 0 V
VGS = 0 V
1000
800
600
400
200
0
20
Ciss
Coss
Crss
55
Ciss
Crss
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
1200
QT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com