Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2N02E Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDF2N02E
Description  Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2N02E Datasheet(HTML) 3 Page - ON Semiconductor

  MMDF2N02E Datasheet HTML 1Page - ON Semiconductor MMDF2N02E Datasheet HTML 2Page - ON Semiconductor MMDF2N02E Datasheet HTML 3Page - ON Semiconductor MMDF2N02E Datasheet HTML 4Page - ON Semiconductor MMDF2N02E Datasheet HTML 5Page - ON Semiconductor MMDF2N02E Datasheet HTML 6Page - ON Semiconductor MMDF2N02E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMDF2N02E
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance versus
Gate−to−Source Voltage
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
versus Voltage
0
0.25
0.75
1.5
2
0
1
3
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
4
2
TJ = 25°C
2.7 V
0.5
1.75
1.25
1
5
6
2.5 V
2.9 V
3.1 V
3.3 V
3.5 V
3.7 V
4.5 V
4.3 V
3.9 V
4.1 V
VGS = 10 V
7
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
25
°C
100
°C
2
4
6
5
1
2
2.5
3
3.5
4
3
7
1.5
0.4
0.5
0.6
0.3
0.1
0.2
0
23
4
5
8
67
910
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
ID = 3.5 A
TJ = 25°C
0
ID, DRAIN CURRENT (AMPS)
0.15
01
2
5
6
0.05
0.1
34
10 V
VGS = 4.5
TJ = 25°C
7
TJ, JUNCTION TEMPERATURE (°C)
−50
0
50
100
150
0
0.5
1.0
1.5
2.0
VGS = 10 V
ID = 3.5 A
125
75
25
−25
1
100
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
10
510
15
20
VGS = 0 V
TJ = 125°C
100
°C
1000
10000
25
°C
25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com