Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZP Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 28Page - Texas Instruments ADS5400IPZP Datasheet HTML 29Page - Texas Instruments ADS5400IPZP Datasheet HTML 30Page - Texas Instruments ADS5400IPZP Datasheet HTML 31Page - Texas Instruments ADS5400IPZP Datasheet HTML 32Page - Texas Instruments ADS5400IPZP Datasheet HTML 33Page - Texas Instruments ADS5400IPZP Datasheet HTML 34Page - Texas Instruments ADS5400IPZP Datasheet HTML 35Page - Texas Instruments ADS5400IPZP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
R
50
0
W
Z
50
0
W
ADS5400
AIN
AIN
R
100 W
ACSignal
Source
1:1
Analog Input Amplitude − dBFS
−25
−20
−15
−10
−5
0
5
10
15
20
25
−1
0
1
2
3
4
5
6
G023
After Positive
Over-range
1GSPS (1ns)
After Negative
Over-range
1GSPS (1ns)
After Positive
Over-range
400MSPS (2.5ns)
After Positive
Over-range
200MSPS (5ns)
After Negative
Over-range
400MSPS (2.5ns)
After Negative
Over-range
200MSPS (5ns)
ADS5400
SLAS611B – OCT 2009 – REVISED MARCH 2010
www.ti.com
The ADS5400 obtains optimum performance when the analog inputs are driven differentially. The circuit in
Figure 28 shows one possible configuration using an RF transformer. Datasheet performance, especially at
>1GHz input frequency, can only be obtained with a carefully designed differential drive path to the ADC.
Figure 28. Converting a Single-Ended Input to a Differential Signal Using an RF Transformer
Voltage Reference
The 2V voltage reference is provided internal to the ADS5400. A VCM (voltage common mode) pin is provided
as an output for use in dc-coupled applications, equal to the AVDD5 supply divided by 2. This provides the
analog input common mode voltage to a driving circuit so that the common mode is setup properly. Some
systems may prefer the use of an external voltage reference. This mode can be enabled by pulling the
ENEXTREF pin high. In this mode, an external reference can be driven onto the VREF pin, which is normally
expecting 2V.
Analog Input Over-Range Recovery Error
An over-range condition occurs if the analog input voltage exceeds the full-scale range of the converter (0dBFS).
To test recovery from an over-range, the ADC analog input is injected with a sinusoidal input frequency exactly at
CLKIN/4 (a four-point sinusoid at the digital outputs). The four sample points of each period occur at the top,
mid-scale, bottom and mid-scale of the sinusoid (clipped by the ADC when over-ranged to all 0s or all 1s). Once
the amplitude exceeds 0dBFS, the top and bottom of the sinusoidal input becomes out of range, while the
mid-scale point is always in-range and measureable with ADC output codes. The graph in Figure 29 indicates the
amount of error from the expected mid-scale value of 2048 that occurs after negative over-range (bottom of
sinusoid) and positive over-range (top of sinusoid). This equates to the amount of error in a valid sample 1 clock
cycle after an over-range occurs, as a function of input amplitude.
Figure 29. Recovery Error 1 Clock Cycle After Over-Range vs Input Amplitude
32
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com