Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZP Datasheet(HTML) 38 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 34Page - Texas Instruments ADS5400IPZP Datasheet HTML 35Page - Texas Instruments ADS5400IPZP Datasheet HTML 36Page - Texas Instruments ADS5400IPZP Datasheet HTML 37Page - Texas Instruments ADS5400IPZP Datasheet HTML 38Page - Texas Instruments ADS5400IPZP Datasheet HTML 39Page - Texas Instruments ADS5400IPZP Datasheet HTML 40Page - Texas Instruments ADS5400IPZP Datasheet HTML 41Page - Texas Instruments ADS5400IPZP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
ADS5400
SLAS611B – OCT 2009 – REVISED MARCH 2010
www.ti.com
Test Patterns
Determining the closure of timing or validating the digital interface can be difficult in normal operation. Therefore,
test patterns are available in register 0x06. One pattern toggles the outputs between all 1s and all 0s. Another
pattern generates a 7-bit PRBS (pseudo-random bit sequence).
In dual bus mode, the toggle mode could be in the same phase on bus A and B (bus A and B outputting 1s or 0s
together), or could be out of phase (bus A outputting 1s while bus B outputs 0s). The start phase cannot be
controlled.
The PRBS output sequence is a standard 27-1 pseudo-random sequence generated by a feedback shift register
where the two last bits of the shift register are exclusive-OR’ed and fed back to the first bit of the shift register.
The standard notation for the polynomial is x7 + x6 + 1. The PRBS generator is not reset, so there is no initial
position in the sequence. The pattern may start at any position in the repeating 127-bit long pattern and the
pattern repeats as long as the PRBS mode is enabled. The data pattern from the PRBS generator is used for all
of the LVDS parallel outputs, so when the pattern is ‘1’ then all of the LVDS outputs are outputting ‘1’ and when
the pattern is ‘0’ then all of the LVDS drivers output ‘0’. To determine if the digital interface is operating properly
with the PRBS sequence, the user must generate the same sequence in the receiving device, and do a
shift-and-compare until a matching sequence is confirmed.
Die Identification and Revision
A unique 64-bit die indentifier code can be read from registers 0x17 through 0x1E. An 8-bit die revision code is
available in register 0x1F.
Die Temperature Sensor
In register 0x05, the die temperature sensor can be enabled. The sensor is power controlled independently of
global powerdown, so that it and the SPI can be used to monitor the die temperature even when the remainder
of the ADC is in sleep mode. Register 0x08 is used to read values which can be mapped to the die temperature.
The exact mapping is detailed in the register map. Care should be taken not to exceed a maximum die
temperature of 150°C for prolonged periods of time in order to maintain the life of the device.
Interleaving
Gain Adjustment
A signal gain adjustment is available in registers 0x00 and 0x01. The allowable fullscale range for the ADC is
1.52 - 2VPP and can be set with 12-bit adjustment resolution across this range. For equal up/down gain
adjustment of the system and ADC gain mismatches, a nominal starting point of 1.75VPP could be programmed,
in which case ±250mV of adjustment range would be provided.
Offset Adjustment
Analog offset adjustment is available in register 0x03 and 0x04. This provides ±30mV of adjustment range with
9-bit adjustment resolution of 120uV per step. At production test, the default code for this register setting is set to
a value that provides 0mV of ADC offset. For optimum spectral performance, it is not recommended to use more
than ±8mV adjustment from the default setting
Input Clock Coarse Phase Adjustment
Coarse adjustment is available in register 0x02. The typical range is approximately 73 ps with a resolution of
2.4ps.
Input Clock Fine Phase Adjustment
Fine adjustment is available in register 0x03. The typical range is approximately 7.4 ps with a resolution of 116fs.
38
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com