Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZP Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 24Page - Texas Instruments ADS5400IPZP Datasheet HTML 25Page - Texas Instruments ADS5400IPZP Datasheet HTML 26Page - Texas Instruments ADS5400IPZP Datasheet HTML 27Page - Texas Instruments ADS5400IPZP Datasheet HTML 28Page - Texas Instruments ADS5400IPZP Datasheet HTML 29Page - Texas Instruments ADS5400IPZP Datasheet HTML 30Page - Texas Instruments ADS5400IPZP Datasheet HTML 31Page - Texas Instruments ADS5400IPZP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
AVDD − Supply Voltage − V
70
72
74
76
78
80
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G010
fIN = 100.33 MHz
fS = 1 GSPS
TA = 25°C
TA = 0°C
TA = 100°C
TA = −40°C
TA = 55°C
TA = 85°C
TA = −20°C
AVDD − Supply Voltage − V
56
57
58
59
60
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G011
TA = 55°C
TA = 100°C
TA = 85°C
fIN = 100.33 MHz
fS = 1 GSPS
TA = 25°C
TA = −40°C
TA = −20°C
TA = 0°C
DVDD − Supply Voltage − V
70
72
74
76
78
80
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G012
fIN = 100.33 MHz
fS = 1 GSPS
TA = 25°C
TA = 0°C
TA = 100°C
TA = −40°C
TA = 55°C
TA = 85°C
TA = −20°C
DVDD − Supply Voltage − V
57.0
57.5
58.0
58.5
59.0
59.5
60.0
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G013
TA = 55°C
TA = 85°C
fIN = 100.33 MHz
fS = 1 GSPS
TA = 25°C
TA = 0°C
TA = 100°C
TA = −20°C
TA = −40°C
ADS5400
SLAS611B – OCT 2009 – REVISED MARCH 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 1.5-VPP differential clock, (unless otherwise noted)
SFDR
SNR
vs
vs
AVDD3 ACROSS TEMPERATURE
AVDD3 ACROSS TEMPERATURE
Figure 20.
Figure 21.
SFDR
SNR
vs
vs
DVDD3 ACROSS TEMPERATURE
DVDD3 ACROSS TEMPERATURE
Figure 22.
Figure 23.
28
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com