Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZP Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 33Page - Texas Instruments ADS5400IPZP Datasheet HTML 34Page - Texas Instruments ADS5400IPZP Datasheet HTML 35Page - Texas Instruments ADS5400IPZP Datasheet HTML 36Page - Texas Instruments ADS5400IPZP Datasheet HTML 37Page - Texas Instruments ADS5400IPZP Datasheet HTML 38Page - Texas Instruments ADS5400IPZP Datasheet HTML 39Page - Texas Instruments ADS5400IPZP Datasheet HTML 40Page - Texas Instruments ADS5400IPZP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
ADS5400
www.ti.com
SLAS611B – OCT 2009 – REVISED MARCH 2010
Digital Outputs
Output Bus and Clock Options
The ADS5400 has two buses, A and B. Using register 0x02, a single or dual bus output can be selected. In
single-bus mode, bus A is used at the full clock rate, while in two-bus mode, data is multiplexed at half the clock
rate on A and B. While in single bus mode, CLKOUTA will be at frequency CLKIN/2 and a DDR interface is
achieved. In two-bus mode, CLKOUTA/CLKOUTB can be either at frequency CLKIN/2 or CLKIN/4, providing
options for an SDR or DDR interface. The ADC provides 12 LVDS-compatible data outputs (D11 to D0; D11 is
the MSB and D0 is the LSB), a data-ready signal (CLKOUT), and an over-range indicator (OVR) on each bus. It
is recommended to use the CLKOUT signal to capture the output data of the ADS5400. Both two's complement
and offset binary are available output formats, in register 0x05.
The capacitive loading on the digital outputs should be minimized. Higher capacitance shortens the data-valid
timing window. The values given for timing were obtained with an estimated 3.5-pF of differential parasitic board
capacitance on each LVDS pair.
Reset and Synchronization
Referencing the timing diagrams starting in Figure 1, the polarity of CLKOUT with respect to the sample N data
output transition is undetermined because of the unknown startup logic level of the clock divider that generates
the CLKOUT signal, whether in frequency CLKIN/2 or CLKIN/4 mode. The polarity of CLKOUT could invert when
power is cycled off/on. If a defined CLKOUT polarity is required, the RESET input pins are used to reset the
clock divider to a known state after power on with a reset pulse. A RESET is not commonly required when using
only one ADS5400 because a one sample uncertainty at startup is not usually a problem.
NOTE: initial samples capture RESET = HIGH on the rising edge of CLKINP. This is being corrected for final
samples and will reflect the diagram as drawn, with RESET = HIGH captured on falling edge of CLKINP.
In addition to CLKOUT alignment using RESET, a synchronization mode is provided in register 0x05. In this
mode, the OVR output becomes the SYNCOUT. The SYNCOUT will indicate which sample was present when
the RESET input pulse was captured in a HIGH state. The OVR indicator is not available when sync mode is
enabled. In single bus mode, only SYNCOUTA is used. In dual bus mode, only SYNCOUTB is used.
LVDS
Differential source loads of 100
Ω and 200Ω are provided internal to the ADS5400 and can be implemented using
register 0x06 (as well as no internal load). Normal LVDS operation expects 3.5mA of current, but alternate values
of 2.5, 4.5, and 5.5mA are provided to save power or improve the LVDS signal quality when the environment
provides excessive loading.
Over Range
The OVR output equals a logic high when the 12-bit output word attempts to exceed either all 0s or all 1s. This
flag is provided as an indicator that the analog input signal exceeded the full-scale input limit set in register 0x00
and 0x01 (± gain error). The OVR indicator is provided for systems that use gain control to keep the analog input
signal within acceptable limits. The OVR pins are not available when the sychronization mode is enabled, as they
become the SYNCOUT indicator.
Data Scramble
In normal operation, with this mode disabled, the MSBs have similar energy to the analog input fundamental
frequency and can in some instances cause board interference. A data scramble mode is available in register
0x06. In this mode, bits 11-1 are XOR'd with bit 0 (the LSB). Because of the random nature of the LSB, this has
the effect of randomizing the data pattern. To de-scramble, perform the opposite operation in the digital chip after
receiving the scrambled data.
Copyright © 2009–2010, Texas Instruments Incorporated
37
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com