Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZP Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 31Page - Texas Instruments ADS5400IPZP Datasheet HTML 32Page - Texas Instruments ADS5400IPZP Datasheet HTML 33Page - Texas Instruments ADS5400IPZP Datasheet HTML 34Page - Texas Instruments ADS5400IPZP Datasheet HTML 35Page - Texas Instruments ADS5400IPZP Datasheet HTML 36Page - Texas Instruments ADS5400IPZP Datasheet HTML 37Page - Texas Instruments ADS5400IPZP Datasheet HTML 38Page - Texas Instruments ADS5400IPZP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Clock Common Mode − V
40
45
50
55
60
65
70
75
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
G016
fS = 1 GSPS
fIN = 1498.5 MHz
fIN = 601.13 MHz
fIN = 100.33 MHz
fIN = 901.13 MHz
Clock Common Mode − V
40
45
50
55
60
65
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
G017
fS = 1 GSPS
fIN = 1498.5 MHz
fIN = 901.13 MHz
fIN = 100.33 MHz
fIN = 601.13 MHz
SNR(dBc)=-20xLOG10(2x
xf
xj
)
p
IN
TOTAL
j
=(j
+j
)
TOTAL
ADC
CLOCK
2
1/2
2
ADS5400
www.ti.com
SLAS611B – OCT 2009 – REVISED MARCH 2010
Figure 35. ADS5400 SFDR vs Clock Common Mode
Figure 36. ADS5400 SNR vs Clock Common Mode
To understand how to determine the required clock jitter, an example is useful. The ADS5400 is capable of
achieving 58.7 dBFS SNR at 850 MHz of analog input frequency. To achieve SNR at 850 MHz, the external
clock source rms jitter must be at least 210fs when combined with the 125fs of internal aperture jitter in order for
the total rms jitter to be 244fs. A summary of maximum recommended rms clock jitter as a function of analog
input frequency is provided in Table 18 (using 125fs of internal aperture jitter). The equations used to create the
table are also presented.
Table 18. Recommended RMS Clock Jitter
INPUT FREQUENCY
MEASURED SNR
TOTAL JITTER
MAXIMUM EXT CLOCK JITTER
(MHz)
(dBc)
(fs rms)
(fs rms)
125
58.1
1585
1580
600
57.8
318
342
850
57.7
244
210
1200
56.6
196
151
1700
54.7
172
119
Equation 1 and Equation 2 are used to estimate the required clock source jitter.
(1)
(2)
where:
jTOTAL = the rms summation of the clock and ADC aperture jitter;
jADC = the ADC internal aperture jitter which is located in the data sheet;
jCLOCK = the rms jitter of the clock at the clock input pins to the ADC; and
fIN = the analog input frequency.
Copyright © 2009–2010, Texas Instruments Incorporated
35
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com