Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE706 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CDCE706 Datasheet HTML 30Page - Texas Instruments CDCE706 Datasheet HTML 31Page - Texas Instruments CDCE706 Datasheet HTML 32Page - Texas Instruments CDCE706 Datasheet HTML 33Page - Texas Instruments CDCE706 Datasheet HTML 34Page - Texas Instruments CDCE706 Datasheet HTML 35Page - Texas Instruments CDCE706 Datasheet HTML 36Page - Texas Instruments CDCE706 Datasheet HTML 37Page - Texas Instruments CDCE706 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Cross-Coupling, Spur Suppression, and Noise Rejection
Carrier
48MHz
2
Harmonic
nd
Spurat
27MHz
· Measured Y1:48MHz
·
W
·
W
·
W
·
Y0is27MHz(XTAL Buffered,Loadedby50
)
Y2is56.448MHz(Loadedby50
)
Y3is33.33MHz(Loadedby50
)
Y4, Y5intheHigh-ImpedanceState
C003
·
·
·
Measured Y0:48MHz
Y1, Y2, Y3 Y4and Y5intheHigh-ImpedanceState
Inserted30mV,1MHzatV
=3.3V
CC
Carrier
48MHz
Carrier
48MHz
Spursat
47MHzand49MHz
Spur47MHzand
Fundamentalat1MHz
C004
Phase Noise Characteristic
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
The TI Pro Clock software automatically calculates the PLL parameter for jitter-optimized performance.
Cross-coupling in ICs occurs through interactions between several parts of the chip such as between output
stages, metal lines, bond wires, substrate, etc. The coupling can be capacitive, inductive, and resistive (ohmic),
induced by output switching, leakage current, ground bouncing, power supply transients, etc.
The CDCE706 is designed using RFSiGe process technology. This process gives excellent performance in
linearity, low power consumption, best-in-class noise performance, and very good isolation characteristics
between the on-chip components.
The good isolation is a major benefit of the RFSiGe process because it minimizes the coupling effect. Even if all
three PLLs are active and all outputs are on, the noise suppression is well above 50 dB. Figure 30 and Figure 31
show an example of noise coupling, spur-suppression, and power-supply noise rejection of the CDCE706. The
measurement conditions are shown in Figure 30 and Figure 31.
Figure 30. Noise Coupling and Spur Suppression
Figure 31. Power-Supply Noise Rejection
In high-speed communication systems, the phase-noise characteristic of the PLL frequency synthesizer is of high
interest. Phase noise describes the stability of the clock signal in the frequency domain, similar to the jitter
specification in the time domain.
34
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com