Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE706 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 1 Page - Texas Instruments

  CDCE706 Datasheet HTML 1Page - Texas Instruments CDCE706 Datasheet HTML 2Page - Texas Instruments CDCE706 Datasheet HTML 3Page - Texas Instruments CDCE706 Datasheet HTML 4Page - Texas Instruments CDCE706 Datasheet HTML 5Page - Texas Instruments CDCE706 Datasheet HTML 6Page - Texas Instruments CDCE706 Datasheet HTML 7Page - Texas Instruments CDCE706 Datasheet HTML 8Page - Texas Instruments CDCE706 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
FEATURES
TERMINAL ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
S0/A0/CLK_SEL
V
CC
CLK_IN0
CLK_IN1
SCLOCK
Y5
Y4
V
CCOUT2
Y2
V
CCOUT1
Y0
PWPackage
(TopView)
P0087-01
S1/A1
GND
V
CC
GND
SDATA
Y1
GND
Y3
GND
DESCRIPTION
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
• High-Performance 3:6 PLL-Based Clock
Synthesizer/Multiplier/Divider
• User-Programmable PLL Frequencies
• EEPROM Programming Without the Need to
Apply High Programming Voltage
• Easy In-Circuit Programming via SMBus Data
Interface
• Wide PLL Divider Ratio Allows 0-ppm Output
Clock Error
• Clock Inputs Accept a Crystal, a Single-Ended
LVCMOS, or a Differential Input Signal
• Accepts Crystal Frequencies From 8 MHz to
54 MHz
• Accepts LVCMOS or Differential Input
Frequencies up to 200 MHz
• Two Programmable Control Inputs [S0/S1,
The CDCE706 is one of the smallest and most
A0/A1] for User-Defined Control Signals
powerful PLL synthesizer/multiplier/dividers available
• Six LVCMOS Outputs With Output Frequencies
today.
Despite
its
small
physical
outline,
the
up to 300 MHz
CDCE706 is very flexible. It has the capability to
produce an almost independent output frequency
• LVCMOS Outputs Can Be Programmed for
from a given input frequency.
Complementary Signals
• Free Selectable Output Frequency via
The
input
frequency
can
be
derived
from
an
Programmable Output Switching Matrix [6×6]
LVCMOS, differential input clock, or single crystal.
The appropriate input waveform can be selected via
Including 7-Bit Post-Divider for Each Output
the SMBus data interface controller.
• PLL Loop Filter Components Integrated
To achieve an independent output frequency, the
• Low Period Jitter (Typically 60 ps)
reference divider M and the feedback divider N for
• Features Spread-Spectrum Clocking (SSC) for
each PLL can be set to values from 1 to 511 for the
Lowering System EMI
M-divider and from 1 to 4095 for the N-divider. The
• Programmable Output Slew-Rate Control
PLL-VCO (voltage controlled oscillator) frequency
(SRC) for Lowering System EMI
then
is
routed
from
the
programmable
output
switching matrix to any of the six outputs. The
• 3.3-V Device Power Supply
switching
matrix
includes
an
additional
7-bit
• Industrial Temperature Range –40°C to 85°C
post-divider (1 to 127) and an inverting logic for each
• Development and Programming Kit for Easy
output.
PLL Design and Programming (TI ClockPro
The deep M/N divider ratio allows the generation of
Software)
zero-ppm clocks from any reference input frequency
• Packaged in 20-Pin TSSOP
(e.g., 27 MHz).
The CDCE706 includes three PLLs; of those, one
supports spread-spectrum clocking (SSC). PLL1,
PLL2, and PLL3 are designed for frequencies up to
300 MHz and optimized for zero-ppm applications
with wide divider factors.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI2-CDCE706 Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
REVISED NOVEMBER 2008
CDCE706PW TI2-CDCE706PW Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
REVISED NOVEMBER 2008
CDCE706PW.B TI2-CDCE706PW.B Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
REVISED NOVEMBER 2008
CDCE706PWG4 TI2-CDCE706PWG4 Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
REVISED NOVEMBER 2008
More results

Similar Description - CDCE706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906 TI-CDC906 Datasheet
1Mb / 39P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC706 TI-CDC706 Datasheet
1Mb / 41P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906_10 Datasheet
1Mb / 42P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
Programmable 1-PLL VCXO Clock Synthesizer
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
Programmable 1-PLL VCXO Clock Synthesizer
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com