Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE706 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CDCE706 Datasheet HTML 22Page - Texas Instruments CDCE706 Datasheet HTML 23Page - Texas Instruments CDCE706 Datasheet HTML 24Page - Texas Instruments CDCE706 Datasheet HTML 25Page - Texas Instruments CDCE706 Datasheet HTML 26Page - Texas Instruments CDCE706 Datasheet HTML 27Page - Texas Instruments CDCE706 Datasheet HTML 28Page - Texas Instruments CDCE706 Datasheet HTML 29Page - Texas Instruments CDCE706 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
7dB
CenterSpread±0.4%
9
th
Harmonic,f =60
m
DownSpread3%
9
th
Harmonic,f =60
m
11.3dB
C001
SSC Modulation Amount
SSC Modulation Frequency
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
Figure 19. Spread-Spectrum Clocking With Center Spread and Down Spread
The peak amplitude of the modulated clock is 11.3 dB lower than the nonmodulated carrier frequency for down
spread and radiates less electromagnetic energy.
In SSC mode, the user can select the SSC modulation amount and SSC modulation frequency. The modulation
amount is the frequency deviation relative to the carrier (min/max frequency), whereas the modulation frequency
determines the speed of the frequency variation. In SSC mode, the maximum VCO frequency is limited to
167 MHz.
The CDCE706 supports center-spread modulation and down-spread modulation. In center spread, the clock is
symmetrically shifted around the carrier frequency and can be ±0.1%, ±0.25%, or ±0.4%. For down spread, the
clock frequency is always lower than the carrier frequency and can be 1%, 1.5%, 2%, or 3%. The down spread is
preferred if a system cannot tolerate an operating frequency higher than the nominal frequency (overclocking
problem).
Example:
Minimum
Center
Maximum
Modulation Type
Frequency
Frequency
Frequency
A
±0.25% center spread
53.865 MHz
54 MHz
54.135 MHz
B
1% down spread
53.46 MHz
—
54 MHz
C
0.5% down spread(1)
53.73 MHz
53.865 MHz
54 MHz
(1)
A down spread of 0.5% of a 54-MHz carrier is equivalent to 59.865 MHz at a center spread of ±0.25%.
The modulation frequency (sweep rate) can be selected between 30 kHz and 60 kHz. It is also based on the
VCO frequency as shown in the SSC Modulation Amount as shown in the Byte 25, Bits [6:4] table. As shown in
Figure 20, the damping increases with higher modulation frequencies. It may be limited by the tracking skew of a
downstream PLL. The CDCE706 uses a triangle modulation profile which is one of the common profiles for SSC.
26
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com