Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE706 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CDCE706 Datasheet HTML 28Page - Texas Instruments CDCE706 Datasheet HTML 29Page - Texas Instruments CDCE706 Datasheet HTML 30Page - Texas Instruments CDCE706 Datasheet HTML 31Page - Texas Instruments CDCE706 Datasheet HTML 32Page - Texas Instruments CDCE706 Datasheet HTML 33Page - Texas Instruments CDCE706 Datasheet HTML 34Page - Texas Instruments CDCE706 Datasheet HTML 35Page - Texas Instruments CDCE706 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Cycle
−40
−30
−20
−10
0
10
20
30
40
1
1001
2001
3001
4001
5001
6001
7001
8001
9001
10001
G008
Cycle
−25
−20
−15
−10
−5
0
5
10
15
20
25
1
1001
2001
3001
4001
5001
6001
7001
8001
9001
10001
G009
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
Figure 26. Snapshot of Cycle-to-Cycle Jitter
Period jitter (tjit(per)) is the deviation in cycle time of a clock signal with respect to the ideal period (1/fO) over a
random sample of cycles. In reference to a PLL, period jitter is the worst-case period deviation from the ideal that
would ever occur on the PLL outputs. This is also referred to as short-term jitter.
Figure 27. Snapshot of Period Jitter
Phase jitter (tjit(phase)) is the long-term variation of the clock signal. It is the cumulative deviation in t(Θ) for a
controlled edge with respect to a t(
Θ) mean in a random sample of cycles. Phase jitter, time-interval error (TIE),
and wander are used in literature to describe long-term variation in frequency. As of ITU-T: G.810, wander is
defined as phase variation at rates less than 10 Hz, whereas jitter is defined as phase variation greater than
10 Hz. The measurement interval must be long enough to gain a meaningful result. Wander can be caused by
temperature drift, aging, supply-voltage drift, etc.
32
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com