Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE706 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CDCE706 Datasheet HTML 32Page - Texas Instruments CDCE706 Datasheet HTML 33Page - Texas Instruments CDCE706 Datasheet HTML 34Page - Texas Instruments CDCE706 Datasheet HTML 35Page - Texas Instruments CDCE706 Datasheet HTML 36Page - Texas Instruments CDCE706 Datasheet HTML 37Page - Texas Instruments CDCE706 Datasheet HTML 38Page - Texas Instruments CDCE706 Datasheet HTML 39Page - Texas Instruments CDCE706 Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Y0(PLL1), Y1–Y4inHigh-ImpedanceState
MeasuredChannel: Y0
StartCondition:(M=10,N=30)=81MHz
Byte-2Write:N=30(81MHz)>N=110(297MHz)
60 stoPLL Pull-In
·
·
·
·
·
m
f
20 s/div
m
81
297
StartCondition:
Acknowledgeof
N-DividerByte
f
(MHz)
VCO
Frequency
Response
Curveof Y0
0
60
t( s)
m
C005
Power-Supply Sequencing
Device Behavior During Supply-Voltage Drops
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
Figure 33. Snapshot of the PLL Lock-Time
The CDCE706 includes three power-supply pins, VCC, VCCOUT1, and VCCOUT2. There are no power-supply
sequencing requirements, as the three power nodes are separated from each other. So, power can be supplied
in any order to the three nodes.
Also, the part has power-up circuitry which switches the device on if VCC exceeds 2.1 V (typ) and switches the
device off at VCC < 1.7 V (typ). In power-down mode, all outputs and clock inputs are switched off.
The CDCE706 has a power-up circuit, which activates the device functionality at VPUC_ON (typical 2.1 V). At the
same time, the EEPROM information is loaded into the register. This mechanism ensures that there is a
predefined default after power up and no need to reprogram the CDCE706 in the application.
In the event of a supply-voltage drop, the power-up circuit ensures that there is always a defined setup within the
register. Figure 34 shows possible voltage drops with different amplitudes.
36
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com