Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE913 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE913
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE913 Datasheet(HTML) 4 Page - Texas Instruments

  CDCE913 Datasheet HTML 1Page - Texas Instruments CDCE913 Datasheet HTML 2Page - Texas Instruments CDCE913 Datasheet HTML 3Page - Texas Instruments CDCE913 Datasheet HTML 4Page - Texas Instruments CDCE913 Datasheet HTML 5Page - Texas Instruments CDCE913 Datasheet HTML 6Page - Texas Instruments CDCE913 Datasheet HTML 7Page - Texas Instruments CDCE913 Datasheet HTML 8Page - Texas Instruments CDCE913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CDCE913
CDCEL913
SCAS849E – JUNE 2007 – REVISED MARCH 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VDD
Device supply voltage
1.7
1.8
1.9
V
Output Yx supply voltage for CDCE913, VDDOUT
2.3
3.6
VO
V
Output Yx supply voltage for CDCEL913, VDDOUT
1.7
1.9
VIL
Low-level input voltage LVCMOS
0.3 VDD
V
VIH
High-level input voltage LVCMOS
0.7 VDD
V
VI (thresh)
Input voltage threshold LVCMOS
0.5 VDD
V
Input voltage range S0
0
1.9
VI(S)
V
Input voltage range S1, S2, SDA, SCL; VI(thresh) = 0.5 VDD
0
3.6
VI(CLK)
Input voltage range CLK
0
1.9
V
Output current (VDDOUT = 3.3 V)
±12
IOH /IOL
Output current (VDDOUT = 2.5 V)
±10
mA
Output current (VDDOUT = 1.8 V)
±8
CL
Output load LVCMOS
15
pF
TA
Operating free-air temperature
–40
85
°C
RECOMMENDED CRYSTAL/VCXO SPECIFICATIONS
(1)
MIN
NOM
MAX
UNIT
fXtal
Crystal input frequency range (fundamental mode)
8
27
32
MHz
ESR
Effective series resistance
100
Ω
fPR
Pulling range (0 V
≤ VCtrl ≤ 1.8 V)
(2)
±120
±150
ppm
Frequency control voltage, VCtrl
0
VDD
V
C0/C1
Pullability ratio
220
CL
On-chip load capacitance at Xin and Xout
0
20
pF
(1)
For more information about VCXO configuration, and crystal recommendation, see application report (SCAA085).
(2)
Pulling range depends on crystal-type, on-chip crystal load capacitance and PCB stray capacitance; pulling range of min ±120 ppm
applies for crystal listed in the application report (SCAA085).
EEPROM SPECIFICATION
MIN
TYP
MAX
UNIT
EEcyc
Programming cycles of EEPROM
100
1000
cycles
EEret
Data retention
10
years
4
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com