Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE913 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE913
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE913 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CDCE913 Datasheet HTML 14Page - Texas Instruments CDCE913 Datasheet HTML 15Page - Texas Instruments CDCE913 Datasheet HTML 16Page - Texas Instruments CDCE913 Datasheet HTML 17Page - Texas Instruments CDCE913 Datasheet HTML 18Page - Texas Instruments CDCE913 Datasheet HTML 19Page - Texas Instruments CDCE913 Datasheet HTML 20Page - Texas Instruments CDCE913 Datasheet HTML 21Page - Texas Instruments CDCE913 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
ƒ
OUT +
ƒ
IN
Pdiv
N
M
ƒ
VCO + ƒIN
N
M
log
2
N
M
[if P t 0 then P + 0]
N
M
CDCE913
CDCEL913
SCAS849E – JUNE 2007 – REVISED MARCH 2010
www.ti.com
PLL Multiplier/Divider Definition
At a given input frequency (ƒIN), the output frequency (ƒOUT) of the CDCE913/CDCEL913 can be calculated:
(1)
where
M (1 to 511) and N (1 to 4095) are the multiplier/divide values of the PLL; Pdiv (1 to 127) is the output
divider.
The target VCO frequency (ƒVCO) of each PLL can be calculated:
(2)
The PLL internally operates as fractional divider and needs the following multiplier/divider settings:
•
N
•
P = 4 – int
•
Q = int
•
R = N
′ – M × Q
where
N
′ = N × 2P;
N
≥ M;
100 MHz < ƒVCO > 200 MHz;
16
≤ q ≤ 63
0
≤ p ≤ 7
0
≤ r ≤ 51
Example:
for ƒIN = 27 MHz; M = 1; N = 4; Pdiv = 2;
for ƒIN = 27 MHz; M = 2; N = 11; Pdiv = 2;
→ fOUT = 54 MHz
→ fOUT = 74.25 MHz
→ fVCO = 108 MHz
→ fVCO = 148.50 MHz
→ P = 4 – int(log24) = 4 – 2 = 2
→ P = 4 – int(log25.5) = 4 – 2 = 2
→ N′’ = 4 × 22 = 16
→ N′’ = 11 × 22 = 44
→ Q = int(16) = 16
→ Q = int(22) = 22
→ R = 16 – 16 = 0
→ R = 44 – 44 = 0
The values for P, Q, R, and N’ are automatically calculated when using TI Pro-Clock™ software.
18
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com