Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE913 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE913
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE913 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCE913 Datasheet HTML 13Page - Texas Instruments CDCE913 Datasheet HTML 14Page - Texas Instruments CDCE913 Datasheet HTML 15Page - Texas Instruments CDCE913 Datasheet HTML 16Page - Texas Instruments CDCE913 Datasheet HTML 17Page - Texas Instruments CDCE913 Datasheet HTML 18Page - Texas Instruments CDCE913 Datasheet HTML 19Page - Texas Instruments CDCE913 Datasheet HTML 20Page - Texas Instruments CDCE913 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
CDCE913
CDCEL913
www.ti.com
SCAS849E – JUNE 2007 – REVISED MARCH 2010
Table 10. PLL1 Configuration Register (continued)
OFFSET(1)
Bit(2)
Acronym
Default(3)
DESCRIPTION
0 – down
7
SSC1DC
0b
PLL1 SSC down/center selection:
1 – center
16h
0 – reset and stand-by
6:0
Pdiv2
01h
7-Bit Y2-Output-Divider Pdiv2:
1-to-127 is divider value
7
—
0b
Reserved – do not write others than 0
17h
0 – reset and stand-by
6:0
Pdiv3
01h
7-Bit Y3-Output-Divider Pdiv3:
1-to-127 is divider value
18h
7:0
PLL1_0N [11:4]
004h
7:4
PLL1_0N [3:0]
19h
3:0
PLL1_0R [8:5]
000h
PLL1_0(5): 30-Bit Multiplier/Divider value for frequency fVCO1_0
7:3
PLL1_0R[4:0]
(for more information, see paragraph PLL Multiplier/Divider Definition).
1Ah
2:0
PLL1_0Q [5:3]
10h
7:5
PLL1_0Q [2:0]
4:2
PLL1_0P [2:0]
010b
1Bh
00 – fVCO1_0 < 125 MHz
01 – 125 MHz
≤ fVCO1_0 < 150 MHz
1:0
VCO1_0_RANGE
00b
fVCO1_0 range selection:
10 – 150 MHz
≤ fVCO1_0 < 175 MHz
11 – fVCO1_0 ≥ 175 MHz
1Ch
7:0
PLL1_1N [11:4]
004h
7:4
PLL1_1N [3:0]
1Dh
3:0
PLL1_1R [8:5]
000h
PLL1_1(5): 30-Bit Multiplier/Divider value for frequency fVCO1_1
1Eh
7:3
PLL1_1R[4:0]
(for more information see paragraph PLL Multiplier/Divider Definition)
2:0
PLL1_1Q [5:3]
10h
1Fh
7:5
PLL1_1Q [2:0]
4:2
PLL1_1P [2:0]
010b
00 – fVCO1_1 < 125 MHz
01 – 125 MHz
≤ fVCO1_1 < 150 MHz
1:0
VCO1_1_RANGE
00b
fVCO1_1 range selection:
10 – 150 MHz
≤ fVCO1_1 < 175 MHz
11 – fVCO1_1 ≥ 175 MHz
(5)
PLL settings limits: 16
≤q≤63, 0≤p≤7, 0≤r≤511, 0<N<4096
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com