Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE913 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE913
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE913 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCE913 Datasheet HTML 5Page - Texas Instruments CDCE913 Datasheet HTML 6Page - Texas Instruments CDCE913 Datasheet HTML 7Page - Texas Instruments CDCE913 Datasheet HTML 8Page - Texas Instruments CDCE913 Datasheet HTML 9Page - Texas Instruments CDCE913 Datasheet HTML 10Page - Texas Instruments CDCE913 Datasheet HTML 11Page - Texas Instruments CDCE913 Datasheet HTML 12Page - Texas Instruments CDCE913 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
CDCE913
CDCEL913
www.ti.com
SCAS849E – JUNE 2007 – REVISED MARCH 2010
APPLICATION INFORMATION
CONTROL TERMINAL CONFIGURATION
The CDCE913/CDCEL913 has three user-definable control terminals (S0, S1, and S2) which allow external
control of device settings. They can be programmed to any of the following functions:
•
Spread spectrum clocking selection
→ spread type and spread amount selection
•
Frequency selection
→ switching between any of two user-defined frequencies
•
Output state selection
→ output configuration and power down control
The user can predefine up to eight different control settings. Table 1 and Table 2 explain these settings.
Table 1. Control Terminal Definition
External Control Bits
PLL1 Setting
Y1Setting
PLL Frequency
Control Function
SSC Selection
Output Y2/Y3 Selection
Output Y1 and Power-Down Selection
Selection
Table 2. PLLx Setting (can be selected for each PLL individual)(1)
SSC Selection (Center/Down)
SSCx [3-bits]
Center
Down
0
0
0
0% (off)
0% (off)
0
0
1
±0.25%
–0.25%
0
1
0
±0.5%
–0.5%
0
1
1
±0.75%
–0.75%
1
0
0
±1.0%
–1.0%
1
0
1
±1.25%
–1.25%
1
1
0
±1.5%
–1.5%
1
1
1
±2.0%
–2.0%
FREQUENCY SELECTION(2)
FSx
FUNCTION
0
Frequency0
1
Frequency1
OUTPUT SELECTION(3) (Y2 ... Y3)
YxYx
FUNCTION
0
State0
1
State1
(1)
Center/Down-Spread, Frequency0/1 and State0/1 are user-definable in PLLx Configuration Register;
(2)
Frequency0 and Frequency1 can be any frequency within the specified fVCO range.
(3)
State0/1 selection is valid for both outputs of the corresponding PLL module and can be power down,
3-state, low or active
Table 3. Y1 Setting(1)
Y1 SELECTION
Y1
FUNCTION
0
State 0
1
State 1
(1)
State0 and State1 are user definable in Generic Configuration
Register and can be power down, 3-state, low, or active.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com