Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE913 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE913
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE913 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCE913 Datasheet HTML 10Page - Texas Instruments CDCE913 Datasheet HTML 11Page - Texas Instruments CDCE913 Datasheet HTML 12Page - Texas Instruments CDCE913 Datasheet HTML 13Page - Texas Instruments CDCE913 Datasheet HTML 14Page - Texas Instruments CDCE913 Datasheet HTML 15Page - Texas Instruments CDCE913 Datasheet HTML 16Page - Texas Instruments CDCE913 Datasheet HTML 17Page - Texas Instruments CDCE913 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
CDCE913
CDCEL913
SCAS849E – JUNE 2007 – REVISED MARCH 2010
www.ti.com
Table 8. Configuration Register,
External Control Terminals
Y1
PLL1 Settings
External Control
Output Selection
Frequency Selection
SSC Selection
Output Selection
Pins
S2
S1
S0
Y1
FS1
SSC1
Y2Y3
0
0
0
0
Y1_0
FS1_0
SSC1_0
Y2Y3_0
1
0
0
1
Y1_1
FS1_1
SSC1_1
Y2Y3_1
2
0
1
0
Y1_2
FS1_2
SSC1_2
Y2Y3_2
3
0
1
1
Y1_3
FS1_3
SSC1_3
Y2Y3_3
4
1
0
0
Y1_4
FS1_4
SSC1_4
Y2Y3_4
5
1
0
1
Y1_5
FS1_5
SSC1_5
Y2Y3_5
6
1
1
0
Y1_6
FS1_6
SSC1_6
Y2Y3_6
7
1
1
1
Y1_7
FS1_7
SSC1_7
Y2Y3_7
Address Offset(1)
04h
13h
10h–12h
15h
(1)
Address Offset refers to the byte address in the Configuration Register in Table 9 and Table 10.
14
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com