Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPWR70CSS-K1 Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NSPWR70CSS-K1
Description  SPECIFICATIONS FOR NICHIA WHITE LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPWR70CSS-K1 Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NSPWR70CSS-K1 Datasheet HTML 2Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 3Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 4Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 5Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 6Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 7Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 8Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 9Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
-5-
(3) Static Electricity
· Static electricity or surge voltage damages the LEDs.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
· All devices, equipment and machinery must be properly grounded. It is recommended that precautions
be taken against surge voltage to the equipment that mounts the LEDs.
· When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
It is easy to find
static-damaged LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended).
· Damaged LEDs will show some unusual characteristics such as the forward voltage becomes lower,
or the LEDs do not light at the low current.
Criteria : (VF > 2.0V at IF=0.5mA)
Nichia STS-DA1-0230C
<Cat.No.090428>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com