Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPWR70CSS-K1 Datasheet(PDF) 14 Page - NICHIA CORPORATION

Part # NSPWR70CSS-K1
Description  SPECIFICATIONS FOR NICHIA WHITE LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPWR70CSS-K1 Datasheet(HTML) 14 Page - NICHIA CORPORATION

Back Button NSPWR70CSS-K1 Datasheet HTML 7Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 8Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 9Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 10Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 11Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 12Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 13Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 14Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 15Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
090331939341
±0.2
スティック断面図 Cross Sectional image of stick
スティック全体図 Whole image of stick
mm
t=0.6±0.1
:
反り 1mm以下
Warp:1mm Max.
6.4
3
9.6
60個入り/スティック
60pcs/stick
485 ± 1
AK
キャップ
Cap
NSPWR70CSS-K1
日亜化学工業 (株)
NICHIA CORPORATION
名称
Title
管理番号
No.
スティック仕様図
STICK DIMENSIONS
mm
型名 Model
Unit
単位
Allow
公差



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com