Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPWR70CSS-K1 Datasheet(PDF) 12 Page - NICHIA CORPORATION

Part # NSPWR70CSS-K1
Description  SPECIFICATIONS FOR NICHIA WHITE LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPWR70CSS-K1 Datasheet(HTML) 12 Page - NICHIA CORPORATION

Back Button NSPWR70CSS-K1 Datasheet HTML 7Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 8Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 9Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 10Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 11Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 12Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 13Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 14Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 15Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
939321
Spectrum
0.0
0.2
0.4
0.6
0.8
1.0
1.2
350
450
550
650
750
Ifxy
0.33
0.34
0.35
0.36
0.37
0.32
0.33
0.34
0.35
0.36
■ 指向特性
Directivity
Taxy
0.33
0.34
0.35
0.36
0.37
0.32
0.33
0.34
0.35
0.36
x
■ 順電流-色度特性
Forward Current vs.
Chromaticity Coordinate
波長 λ (nm)
Wavelength λ (nm)
■ 発光スペクトル
Spectrum
x
■ 周囲温度-色度特性
Ambient Temperature vs.
Chromaticity Coordinate
Directivity
90°
80°
70°
60°
50°
40°
30°
20°
10°
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
1
0.5
0
0.5
1
0°
Ta=25℃
Ta=25℃
50mA
IFP=
50mA
IFP=
Ta=25℃
50mA
IF=
NSPWR70CS-K1
090331
初期電気/光学特性
CHARACTERISTICS
型名 Model
管理番号
No.
NICHIA CORPORATION
日亜化学工業 (株)
名称
Title
相対照度 (a.u.)
Relative Illuminance (a.u.)
1mA
5mA
50mA
60mA
180mA
-30℃
0℃
25℃
50℃
85℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com