Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPWR70CSS-K1 Datasheet(PDF) 8 Page - NICHIA CORPORATION

Part # NSPWR70CSS-K1
Description  SPECIFICATIONS FOR NICHIA WHITE LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPWR70CSS-K1 Datasheet(HTML) 8 Page - NICHIA CORPORATION

Back Button NSPWR70CSS-K1 Datasheet HTML 4Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 5Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 6Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 7Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 8Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 9Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 10Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 11Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 12Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
-7-
(6) Heat Generation
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED placement
on the board, as well as other components.
It is necessary to avoid intense heat generation and operate
within the maximum ratings given in this specification.
· Please determine the operating current with consideration of the ambient temperature local to the LED
and refer to the plot of Ambient temperature vs. Allowable Forward Current on CHARACTERISTICS
in this specifications. Please also take measures to remove heat from the area near the LED to improve
the operational characteristics of the LED.
· The equation 1 indicates correlation between Tj and Ta, and the equation 2 indicates correlation
between Tj and Ts1.
Tj=Ta + Rja W
1
Tj=Ts1 + Rjs1 W
2
Tj = Dice Temperature : °C, Ta = Ambient Temperature : °C,
Ts1 = Solder Temperature (Cathode Side) : °C,
Rja = Heat resistance from Dice to Ambient temperature : °C /W,
Rjs1 = Heat resistance from Dice to Ts1 measuring point : °C /W,
W = Inputting Power (IF
VF) : W
(7) Safety Guideline for Human Eyes
· The International Electrical Commission (IEC) published in 2006 IEC 62471:2006 Photobiological
safety of lamps and lamp systems which includes LEDs within its scope. Meanwhile LEDs were
removed from the scope of the IEC 60825-1:2007 laser safety standard, the 2001 edition of which
included LED sources within its scope. However, keep in mind that some countries and regions have
adopted standards based on the IEC laser safety standard IEC 60825-1:2001 which includes LEDs
within its scope.
Following IEC 62471:2006, most of Nichia LEDs can be classified as belonging to either Exempt
Group or Risk Group 1. Optical characteristics of a LED such as output power, spectrum and light
distribution are factors that affect the risk group determination of the LED. Especially a high-power
LED, that emits light containing blue wavelengths, may be in Risk Group 2.
Great care should be taken when viewing directly the LED driven at high current or the LED with
optical instruments, which may greatly increase the hazard to your eyes.
Nichia STS-DA1-0230C
<Cat.No.090428>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com