Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPWR70CSS-K1 Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NSPWR70CSS-K1
Description  SPECIFICATIONS FOR NICHIA WHITE LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPWR70CSS-K1 Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NSPWR70CSS-K1 Datasheet HTML 7Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 8Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 9Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 10Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 11Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 12Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 13Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 14Page - NICHIA CORPORATION NSPWR70CSS-K1 Datasheet HTML 15Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
939311
周囲温度 Ta (℃)
Ambient Temperature Ta (℃)
TaVf
2.0
2.5
3.0
3.5
4.0
4.5
-60 -30
0
30
60
90
120
周囲温度 Ta (℃)
Ambient Temperature Ta (℃)
■ 周囲温度-順電圧特性
Ambient Temperature vs.
Forward Voltage
Duty
10
100
1000
1
10
100
60
180
TaIv
0.1
1.0
10.0
-60 -30
0
30
60
90
120
Derating
0
20
40
60
80
100
0
306090
120
(40,60)
(85,15)
IfIv
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
VfIf
1
10
100
1000
2.0
2.5
3.0
3.5
4.0
4.5
50
180
順電圧 VF (V)
Forward Voltage VF (V)
■ 順電圧-順電流特性
Forward Voltage vs.
Forward Current
デューティー比 (%)
Duty Ratio (%)
■ デューティー比-許容順電流特性
Duty Ratio vs.
Allowable Forward Current
順電流 IFP (mA)
Forward Current IFP (mA)
Ta=25℃
Ta=25℃
Ta=25℃
50mA
IFP=
■ 順電流-相対光束特性
Forward Current vs.
Relative Luminous Flux
NSPWR70CS-K1
初期電気/光学特性
CHARACTERISTICS
型名 Model
管理番号
No.
NICHIA CORPORATION
日亜化学工業 (株)
名称
Title
090331
50mA
IFP=
■ 周囲温度-相対光束特性
Ambient Temperature vs.
Relative Luminous Flux
周囲温度 Ta (℃)
Ambient Temperature Ta (℃)
■ 周囲温度-許容順電流特性
Ambient Temperature vs.
Allowable Forward



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com