Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453TSTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC453TSTRT Datasheet HTML 4Page - Semtech Corporation SC453TSTRT Datasheet HTML 5Page - Semtech Corporation SC453TSTRT Datasheet HTML 6Page - Semtech Corporation SC453TSTRT Datasheet HTML 7Page - Semtech Corporation SC453TSTRT Datasheet HTML 8Page - Semtech Corporation SC453TSTRT Datasheet HTML 9Page - Semtech Corporation SC453TSTRT Datasheet HTML 10Page - Semtech Corporation SC453TSTRT Datasheet HTML 11Page - Semtech Corporation SC453TSTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Device
Package
SC453TSTRT(1)(2)(3)
TSSOP-28
SC453EVB
EVALUATION BOARD
SC453MLTRT(1)(2)(4)
MLPQ-32
Notes:
1. This device is ESD sensitive. Use of standard ESD handling precau-
tions is required.
2. Lead-free package only. Qualified to support maximum IR reflow
temperature of 260°C for 30 seconds.
3. Available in tape and reel only. A reel contains 2500 devices.
4. Available in tape and reel only. A reel contains 3000 devices.
Pin Configurations
Ordering Information
1
2
3
4
5
6
7
8
V5
DRN
TOP VIEW
27
28
15
16
BG
TG
PGND
BST
EN
SLP
CL
SLPV
CMP
BOOTV
CLRF
PG#
VCCA
HYS
9
10
22
REFIN
VID5
GND
VID4
21
18
17
19
20
11
12
24
DAC
VID3
CORE
VID2
23
25
26
13
14
PG_DEL
VID1
SS
VID0
TSSOP-28 Package
θ
JA = 70°C/W
MLPQ-32 Package
θ
JA = 29°C/W
TOP VIEW
SLP
SLPV
BOOTV
PG#
HYS
VID5
VID4
VID3
NC
EN
CL
CMP
CLRF
VCCA
REFIN
NC
T
24
23
22
21
20
19
18
17
1
25
16
26
27
28
29
30
31
32
2
3
4
5
6
7
8
12
11
15
14
13
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com