Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453TSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC453TSTRT Datasheet HTML 12Page - Semtech Corporation SC453TSTRT Datasheet HTML 13Page - Semtech Corporation SC453TSTRT Datasheet HTML 14Page - Semtech Corporation SC453TSTRT Datasheet HTML 15Page - Semtech Corporation SC453TSTRT Datasheet HTML 16Page - Semtech Corporation SC453TSTRT Datasheet HTML 17Page - Semtech Corporation SC453TSTRT Datasheet HTML 18Page - Semtech Corporation SC453TSTRT Datasheet HTML 19Page - Semtech Corporation SC453TSTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
The second condition occurs later after the initial tran-
sient. Due to the fast response of the hysteretic convert-
ers, less then < 100ns, the capacitor voltage does not
droop very far before the inductor current starts ramping
up. Once the inductor current starts to rise, the I•ESR
comp onent of the capacitor voltage start to move upward.
At the same time, the capacitive discharging causes the
capacitor voltage to move downward. The lowest output
voltage is reached when the inductor current reaches the
load current (note the shaded area on the graph). If this
voltage is higher than the lower limit (VPOS_TRANS), then
the transient response passes.
Since the highest output voltage has the most severe re-
quirements, any other modes are satisfied by a design op-
timized for the highest output voltage.
For the second condition, the inductor value is deter-
mined, which is a function of the highest desired switching
frequency. The maximum frequency occurs at the highest
input voltage. As a reasonable compromise between ef-
ficiency and component size, a maximum switching fre-
quency of 350kHz is desired.
The design is based on the following three factors: 1) mini-
mum inductance requirement; 2) low DCR; 3) height and
package size consideration. The design choice is made
based upon the requirement of the converter design, in-
cluding minimum inductance, minimum saturation cur-
rent, efficiency, foot area, maximum allowable height, and
device availability. In the current demo board design,
This value of inductance is required up to maximum load.
Inductors with a swinging choke characteristic, where the
zero current value of inductance is much less than the
full load current inductance can be used, as long as the
above restriction is met. Then, the worst-case (low input
voltage) response time (the time for the current to reach
the new transient value) is:
Add 100ns for the typical propagation delay from a change
at the output to the MOSFET switch turning on in reaction.
Since the shaded area is, the total charge taken out of the
capacitor is
∆Q = C / dV = (dI/dt)/2. This is calculated
using the following equation.
CMINP
IMAX_FL ILKGMAX
−
() dT 1 10 7
−
⋅
sec
⋅
+
(
)
⋅
VPOS_TRANS
:=
CMINP
4.278
10
4
−
×
F
=
This condition applies only to the positive transient.
LMIN
dMIN
VINMAX VMAX_NL
−
() ESR
MAX
RCS
+
()
⋅
FS VRIPPLE
⋅
ESR MAX RCS
+
ESR MAX
⎛
⎜
⎝
⎞
⎠
⋅
⋅
:=
LMIN
5.422
10
7
−
×
H
=
dMIN
VMAX_NL
VINMAX
:=
Applications Information (Cont.)
ESR MAX
VPOS_TRANS
IMAX_FL ILKGMAX
−
(
)
:=
L1
0.60
μH
⋅
:=
FS
350 K Hz
⋅
:=
dT
L1 IMAX_FL ILKGMAX
−
()
⋅
VINMIN
VMAX_NL
−
:=
dT
1.326
10
6
−
×
s
=
ESR MAX 3.333
10
3
−
×Ω
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com