Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453TSTRT Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC453TSTRT Datasheet HTML 14Page - Semtech Corporation SC453TSTRT Datasheet HTML 15Page - Semtech Corporation SC453TSTRT Datasheet HTML 16Page - Semtech Corporation SC453TSTRT Datasheet HTML 17Page - Semtech Corporation SC453TSTRT Datasheet HTML 18Page - Semtech Corporation SC453TSTRT Datasheet HTML 19Page - Semtech Corporation SC453TSTRT Datasheet HTML 20Page - Semtech Corporation SC453TSTRT Datasheet HTML 21Page - Semtech Corporation SC453TSTRT Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Applications Information (Cont.)
Step 3 — Setting RHYS
The next step is to calculate R
HYS
. Since the SC453 is a
hysteretic controller, it regulates the amount of output
ripple according to a hysteresis value set by R
HYS
. The de-
signer must therefore decide upon the amount of desired
output ripple, and then set R
HYS
accordingly.
The hysteresis controls the amount of ripple voltage at the
point of regulation, which is the point between the induc-
tor and the current sense resistor. The amount of ripple at
the output is defined by the current sense resistor and the
output capacitor ESR. This factor is taken into account in
the equation shown below relating V
RIPPLE
to V
HYS
.
To achieve tight accuracy, it is recommended that the out-
put ripple be set to 20mV peak-to-peak.
ESR
RESR
NCAP
:=
ESR
1.5
10
3
−
×Ω
=
VRIPPLE
0.02 V
=
VHYS
VRIPPLE
RCS
ESR
+
()
ESR
⋅
:=
VHYS
0.033 V
=
V
HYS
is created by switching a current source (I
HYS
) through
a resistor in series with the CMP pin. The I
HYS
value is
controlled via R
HYS
. For simplicity it is easier to select a
value for CMP resistor (R7, see Typical Application Circuit
on page 2) and then calculate R
HYS
, as follows.
R7
1K
Ω
⋅
:=
.
RHYS
2VREF
⋅
VHYS
R7
⎛
⎜
⎝
⎞
⎠
:=
RHYS
102.0 K
Ω
=
In the SC453 application circuit, R
HYS
consists of three
resistors (R3, R4 and R5) in parallel with R14. These re-
sistors also form the dividers for BOOTV and SLPV. Note
also that depending on circuit layout and parasitics, R
HYS
may have to be adjusted slightly to obtain optimum per-
formance. (The above resistors will be calculated after the
PBOOT and deeper sleep voltages are set later in this pro-
cedure). To increase hysteresis without having to change
the divider resistors, a fourth resistor (R14), can be add-
ed. Additional hysteresis is needed when inductances in
the current sense paths cause additional signal that adds
to the resistive signal, limiting the accuracy of the calcula-
tions.
R14
HYS
BOOTV
SLPV
R5
R4
R3
SC453



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com