Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453TSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC453TSTRT Datasheet HTML 1Page - Semtech Corporation SC453TSTRT Datasheet HTML 2Page - Semtech Corporation SC453TSTRT Datasheet HTML 3Page - Semtech Corporation SC453TSTRT Datasheet HTML 4Page - Semtech Corporation SC453TSTRT Datasheet HTML 5Page - Semtech Corporation SC453TSTRT Datasheet HTML 6Page - Semtech Corporation SC453TSTRT Datasheet HTML 7Page - Semtech Corporation SC453TSTRT Datasheet HTML 8Page - Semtech Corporation SC453TSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied.
Unless otherwise specified: V
IN
= 15V, V
CCA
= 5V, and V5 = 5V.
NOTES:
(1) Calculated from package in still air, mounted to 3 x 4.5(in), 4 layer FR4 PCB.
(2) Tested according to JEDEC standard JESD22-A114.
Parameter
Symbol
Conditions
Min
Max
Units
Supply Voltages
V
CCA, V5
-0.3
7
V
Input and Output Volt-
ages
V
SLPV, VSLP, VVID [0..5], VDAC, VREFIN,
V
CMP, VHYS, VCORE, VCL, VCLRF, VPG#,
V
BOOTV, VSS, VBG, VCLSET
to GND
-0.3
V
CCA +0.3
V
EN to GND
V
EN
-0.3
7
V
BST to PGND
Static
Transient < 100ns
-0.3
36
40
V
V
BST to DRN
-0.3
7
V
DRN to PGND
Static
Transient < 100ns
Transient < 10ns
-2
-5
-7.5
30
34
34
V
V
V
TG to BST
-0.3
BST +0.3
V
PGND to GND
-0.3
0.3
V
Thermal Resistance
Junction to Ambient
θ
JA
TSSOP-28(1)
70
°C/W
MLPQ-32
26
Thermal Resistance
Junction to Case
θ
JC
TSSOP-28
20
°C/W
Lead Temperature
(Soldering) 10s
T
LEAD
TSSOP-28
300
°C
Peak IR Reflow
Temperature 10 - 40s
T
PKG
TSSOP-28
260
°C
MLPQ-32
260
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply (V
IN, VCCA, V5)
V
IN Supply
Voltage Range
V
IN
3.0
25
V
V
5 Supply
Voltage Range
V
5
4.3
5.0
6.0
V
V
CCA Voltage Range
V
CCA
4.5
5.0
6.0
V
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com