Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453TSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC453TSTRT Datasheet HTML 5Page - Semtech Corporation SC453TSTRT Datasheet HTML 6Page - Semtech Corporation SC453TSTRT Datasheet HTML 7Page - Semtech Corporation SC453TSTRT Datasheet HTML 8Page - Semtech Corporation SC453TSTRT Datasheet HTML 9Page - Semtech Corporation SC453TSTRT Datasheet HTML 10Page - Semtech Corporation SC453TSTRT Datasheet HTML 11Page - Semtech Corporation SC453TSTRT Datasheet HTML 12Page - Semtech Corporation SC453TSTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Pin Configuration
Pin Descriptions
Pin#
TSSOP-28
Pin#
MLPQ-32
Pin
Name
Pin Function
1
29
DRN
This pin connects to the junction of the switching and synchronous MOSFETs.
2
30
TG
Gate drive for the switching (high-side) MOSFET.
3
31
BST
Bootstrap pin. A capacitor is connected between BST and DRN pins to develop the
floating bootstrap voltage for the high-side MOSFET gate drive.
4
1
SLP
Sleep logic input signal.
5
2
SLPV
Connect this pin to V
CCA to select VID Sleep Mode. Otherwise, SLPV Sleep Mode
is selected and the voltage on this pin sets the DAC output during sleep.
6
3
BOOTV
The voltage on this pin sets the Boot-Up voltage.
7
4
PG#
Start clock indicator open drain output — Active low
8
5
HYS
Core Comparator Hysteresis — Connect to ground through an external resistor. Hys-
teresis current is established by the internal V
REF voltage, 1.7V, divided by the total
HYS resistance (R
HYS).
9
6
VID5
VID input, most significant bit of the voltage programming DAC input
10
7
VID4
VID input
11
8
VID3
VID input
12
9
VID2
VID input
13
10
VID1
VID input
14
11
VID0
VID input, least significant bit of the voltage programming DAC input
15
12
SS
Soft-start — an external cap defines the soft-start ramp.
16
13
PG_DEL
Delayed Power Good — open drain output. After the V
CORE output is within ± 14% of
the VID_DAC setting, and the t
CPU_PWRGD period has terminated, this internal pull-
down MOSFET opens and the pin is pulled high by an external resistor.
17
14
CORE
Feedback input for the V
CORE output. A small RC filter should be used to filter out
high frequency noise to prevent false or faulty trip conditions.
18
15
DAC
Main controller digital-to-analog output
19
16
GND
Analog ground
20
18
REFIN
Core Comparator reference input pin — connect to DAC.
21
19
VCCA
5V supply for precision analog circuitry
22
20
CLRF
Current limit reference input
23
21
CMP
Core Comparator input
24
22
CL
Current limit input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com