Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2368 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2368
Description  DCS/PCS 2.7V LOW NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2368 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2368 Datasheet HTML 1Page - RF Micro Devices RF2368 Datasheet HTML 2Page - RF Micro Devices RF2368 Datasheet HTML 3Page - RF Micro Devices RF2368 Datasheet HTML 4Page - RF Micro Devices RF2368 Datasheet HTML 5Page - RF Micro Devices RF2368 Datasheet HTML 6Page - RF Micro Devices RF2368 Datasheet HTML 7Page - RF Micro Devices RF2368 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ü
4-199
4
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
BIAS
GND
IN
GND1
SELECT
OUT
VCC
GND2
Control Logic
RF2368
DCS/PCS 2.7V LOW NOISE AMPLIFIER
• DCS Handsets
• PCS Handsets
• General Purpose Amplification
• Commercial and Consumer Systems
The RF2368 is a DCS/PCS low noise amplifier with
bypass switch designed for use as a front-end for
DCS1800/PCS1900 applications. The LNA is a two-stage
amplifier with bypass switch. This amplifier has low noise
figure and high linearity in both high gain and bypass/low
gain mode.
• Low Noise and High Intercept Point
• Power Down Control
•Switchable Gain
RF2368
DCS/PCS 2.7V Low Noise Amplifier
RF2368 PCBA
Fully Assembled Evaluation Board
4
Rev A0 010503
0.127
3°MAX
0°MIN
0.55
0.35
0.365
1.59
1.61
3.00
2.60
3.00
2.80
0.650
0.15
0.05
1.44
1.04
*WhenPin1is inupper
left, text reads downward
(as shown).
Package Style: SOT 8 Lead


Similar Part No. - RF2368

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2360 RFMD-RF2360 Datasheet
269Kb / 14P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
400Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360411 RFMD-RF2360411 Datasheet
269Kb / 14P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360411 RFMD-RF2360411 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2368

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
GSM/DCS/PCS power amplifier
2000 Nov 28
CGY2021G PHILIPS-CGY2021G Datasheet
78Kb / 12P
DCS/PCS 2 W power amplifier
1997 Apr 03
logo
RF Micro Devices
RF2364 RFMD-RF2364 Datasheet
108Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2416 RFMD-RF2416 Datasheet
417Kb / 10P
DUAL-BAND 2.7V LOW NOISE AMPLIFIER
RF2486 RFMD-RF2486 Datasheet
237Kb / 8P
PCS LOW NOISE AMPLIFIER/MIXER
RF9986 RFMD-RF9986 Datasheet
235Kb / 8P
PCS LOW NOISE AMPLIFIER/MIXER
RF2364 RFMD-RF2364_06 Datasheet
131Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2364 RFMD-RF2364_1 Datasheet
112Kb / 4P
3V PCS LOW NOISE AMPLIFIER
logo
Infineon Technologies A...
BGA428 INFINEON-BGA428_07 Datasheet
399Kb / 11P
Gain and PCS Low Noise Amplifier
Rev. 2.2, November 2007
BGA428E6327 INFINEON-BGA428E6327 Datasheet
347Kb / 11P
Gain and PCS Low Noise Amplifier
Rev. 2.3, Sept. 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com