Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2413 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2413
Description  GAIN CONTROLLED DUAL-CONVERSION QUADRATURE MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2413 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2413 Datasheet HTML 1Page - RF Micro Devices RF2413 Datasheet HTML 2Page - RF Micro Devices RF2413 Datasheet HTML 3Page - RF Micro Devices RF2413 Datasheet HTML 4Page - RF Micro Devices RF2413 Datasheet HTML 5Page - RF Micro Devices RF2413 Datasheet HTML 6Page - RF Micro Devices RF2413 Datasheet HTML 7Page - RF Micro Devices RF2413 Datasheet HTML 8Page - RF Micro Devices RF2413 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
5-20
RF2413
Rev B3 990419
5
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to 7.0
VDC
Input LO and RF Levels
+6
dBm
I and Q Modulation Levels
VDD
V
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Modulation Signals (I &Q)
T= 25°C, VDD=5V, VREF=2.5V,
BB=100kHz, LO1=70MHz, LO2=700MHz,
VMOD=3.0VPP, SSB, unless indicated other-
wise.
Frequency Range
DC to 25
MHz
Signal Level
3.0
VPP
For 1dB compression
Reference Voltage (VREF)
2.0 to 3.0
V
Input Impedance
3
k
Ω
Amplitude Balance
0.1
dB
Quadrature Phase Error
1
°
First LO Input
Frequency Range
30 to 200
MHz
For 30dB sideband suppression
30 to 250
MHz
For 20dB sideband suppression
Power Level
-5 to +6
dBm
Input Impedance
750- j500
Ω
At 100MHz, without external 50
Ω termina-
tion
IF Inputs & Outputs (MOD
OUT & MIX IN)
Output Impedance
290- j160
Ω
At 100MHz
170- j180
Ω
At 200MHz
Input Impedance
6000- j2500
Ω
At 100MHz
5200- j2800
Ω
At 200MHz
Second LO Input
Frequency Range
100 to 1000
MHz
Power Level
0 to +6
dBm
Input Impedance
2000- j3000
Ω
At 300MHz, without external 50
Ω termina-
tion
600- j1400
Ω
At 1000MHz, without external 50
Ω termina-
tion
RF Output
Output Power
VDD=6V, LO1,2 power=0dBm, SSB
+6
dBm
Freq=200MHz to 500MHz
-2
+2
+5
dBm
Freq=500MHz to 800MHz
-1
dBm
Freq=800MHz to 1000MHz
Total Gain Control Range
75
dB
Gain 1 and Gain 2
Gain Control Voltage for mini-
mum gain
1.5
V
Gain Control Voltage for maxi-
mum gain
5.0
V
Nominal Output Impedance
50
Ω
Output VSWR
1.5:1
Freq<600MHz
3:1
600MHz<Freq<1000MHz
Output Broadband Noise Power
-155
dBm/Hz
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com