Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2413 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2413
Description  GAIN CONTROLLED DUAL-CONVERSION QUADRATURE MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2413 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2413 Datasheet HTML 2Page - RF Micro Devices RF2413 Datasheet HTML 3Page - RF Micro Devices RF2413 Datasheet HTML 4Page - RF Micro Devices RF2413 Datasheet HTML 5Page - RF Micro Devices RF2413 Datasheet HTML 6Page - RF Micro Devices RF2413 Datasheet HTML 7Page - RF Micro Devices RF2413 Datasheet HTML 8Page - RF Micro Devices RF2413 Datasheet HTML 9Page - RF Micro Devices RF2413 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
5-24
RF2413
Rev B3 990419
5
 
100 nF
33 pF
1
µF
100 nF
100 nF
1 nF
33 pF
RF OUTPUT
56
Ω
V
DD
CMOS
V
REF
56
Ω
LO 2 INPUT
POWER
DOWN
GAIN
CONTROL 1
LO 1
INPUT
Q INPUT
Q INPUT
GAIN
CONTROL 2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
POWER
CONTROL
Σ
-45°
+45°
Note 3
Note 1
Note 2
Optional; High input impedance without resistor. SMD
resistor mounted adjacent to package pin, grounded through
via to the ground plane.
If no IF filter is needed, tie pins 11, 12, 14, and 15 as shown.
Otherwise insert the filter and the matching network.
Gain control pins (8 and 9) may be tied together directly.
NOTE 1:
NOTE 2:
NOTE 3:
470
Ω
470
Ω
470
Ω
470
Ω
50
Ω µstrip
50
Ω µstrip
50
Ω µstrip



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com