Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2413 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2413
Description  GAIN CONTROLLED DUAL-CONVERSION QUADRATURE MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2413 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2413 Datasheet HTML 1Page - RF Micro Devices RF2413 Datasheet HTML 2Page - RF Micro Devices RF2413 Datasheet HTML 3Page - RF Micro Devices RF2413 Datasheet HTML 4Page - RF Micro Devices RF2413 Datasheet HTML 5Page - RF Micro Devices RF2413 Datasheet HTML 6Page - RF Micro Devices RF2413 Datasheet HTML 7Page - RF Micro Devices RF2413 Datasheet HTML 8Page - RF Micro Devices RF2413 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5-23
RF2413
Rev B3 990419
5
10
LO1
High impedance modulator LO input. A shunt 56
Ω resistor can be used
for matching. This pin is NOT internally DC blocked. An external block-
ing capacitor must be provided if the pin is connected to a device with
DC present. A DC path to ground (i.e. an inductor or resistor to ground)
is, however, acceptable at this pin. If a blocking capacitor is required, a
value of 1nF is recommended.
11
MOD OUT+
Balanced IF output port. If no filtering is required this pin can be con-
nected directly to the MIX IN+ pin. This pin is NOT DC blocked and car-
ries DC. A blocking capacitor of 1nF is needed when this pin is
connected to a DC path. An appropriate matching network may be
needed if an IF filter is used.
12
MOD OUT-
Same as pin 11, except complementary output.
See pin 11.
13
GND1
Ground connection for all baseband circuits, modulator and the IF
buffer amplifier. Keep traces physically short and connect immediately
to ground plane for best performance.
14
MIX IN-
High impedance balanced input to the gain controlled IF stage. This pin
has an internal DC blocking capacitor. If no IF filter is needed, this pin
may be connected directly to MOD OUT-. If an IF filter is used, an exter-
nal shunt resistor to ground may be needed to provide correct matching
for the filter.
15
MIX IN+
Same as pin 14, except complementary input.
See pin 14.
16
GND2
Ground connection for the limiting LO2 buffer amplifier. Keep traces
physically short and connect immediately to ground plane for best per-
formance.
17
LO2
Mixer LO Input port. A shunt 56
Ω resistor can be used for matching.
This pin has internal DC blocking,
18
GND3
Ground connection for the IF mixer and the RF gain control stage. Keep
traces physically short and connect immediately to ground plane for
best performance.
19
GND4
Ground connection for the RF output stage. Keep traces physically
short and connect immediately to ground plane for best performance.
20
RF OUT
50
Ω output. This pin is not internally DC blocked, and an external
blocking capacitor of 100pF is required.
LO1
MOD OUT+
MOD OUT-
MIX IN-
MIX IN+
BIAS
BIAS
BIAS
BIAS
LO2
RF OUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com