Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2413 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2413
Description  GAIN CONTROLLED DUAL-CONVERSION QUADRATURE MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2413 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2413 Datasheet HTML 1Page - RF Micro Devices RF2413 Datasheet HTML 2Page - RF Micro Devices RF2413 Datasheet HTML 3Page - RF Micro Devices RF2413 Datasheet HTML 4Page - RF Micro Devices RF2413 Datasheet HTML 5Page - RF Micro Devices RF2413 Datasheet HTML 6Page - RF Micro Devices RF2413 Datasheet HTML 7Page - RF Micro Devices RF2413 Datasheet HTML 8Page - RF Micro Devices RF2413 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
5-19
5
   
    
    

    
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
      
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS

SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD2
VDD1
PD
I SIG
I REF
Q REF
Q SIG
GC1
GC2
LO1
RF OUT
GND4
GND3
LO2
GND2
MIX IN+
MIX IN-
GND1
MOD OUT-
MOD OUT+
POWER
CONTROL
Σ
-45°
+45°
RF2413
    
   
• Digital and Spread Spectrum Systems
• Analog Communication Systems
• GSM Systems
• CDMA Systems
• General Purpose Frequency Conversion
• Portable Battery Powered Equipment
The RF2413 is a monolithic integrated transmitter univer-
sal modulation IC capable of generating modulated AM,
PM, or compound carriers in the VHF/UHF frequency
range. The modulation is performed at VHF, then the
resulting spectrum is upconverted to a frequency range
between 100 MHz and 1000MHz. Up to 60 dB of power
control is possible through the use of two gain control
pins. The IC contains all of the required components to
implement the modulation function including differential
amplifiers for the baseband inputs, a 90° hybrid phase
splitter, limiting LO amplifiers, two balanced mixers, a
combining, gain-controlled differential amplifier, a second
balanced mixer, and an output gain-controlled RF ampli-
fier which will drive a 50
Ω load.
• Single 3V to 6.5V Power Supply
• Low Broadband Noise Floor
• Excellent Amplitude & Phase Balance
• Digitally Controlled Power Down
• 30MHz to 100MHz IF Frequency
• 200MHz to 1000MHz RF Frequency
RF2413
Gain Controlled Dual-Conversion Quadrature Modu-
lator
RF2413 PCBA
Fully Assembled Evaluation Board

Rev B3 990419
.493
.486
.050
.016
8 °MAX
0°MIN
.010
.008
.299
.292
.018
.014
.050
1
.413
.398
.009
.005
.092
   !"


Similar Part No. - RF2413

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2411 RFMD-RF2411 Datasheet
260Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411 Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411 Datasheet
441Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411PCBA-H RFMD-RF2411PCBA-H Datasheet
260Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411PCBA-H RFMD-RF2411PCBA-H Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2413

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Agere Systems
W3013 AGERE-W3013 Datasheet
145Kb / 12P
W3013 Indirect Quadrature Modulator with Gain Control
November 1998
logo
RF Micro Devices
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
UHF QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com