Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2413 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2413
Description  GAIN CONTROLLED DUAL-CONVERSION QUADRATURE MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2413 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2413 Datasheet HTML 1Page - RF Micro Devices RF2413 Datasheet HTML 2Page - RF Micro Devices RF2413 Datasheet HTML 3Page - RF Micro Devices RF2413 Datasheet HTML 4Page - RF Micro Devices RF2413 Datasheet HTML 5Page - RF Micro Devices RF2413 Datasheet HTML 6Page - RF Micro Devices RF2413 Datasheet HTML 7Page - RF Micro Devices RF2413 Datasheet HTML 8Page - RF Micro Devices RF2413 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
5-21
RF2413
Rev B3 990419
5
Spurious
Single sideband modulation
Sideband Suppression
30
35
dBc
Unadjusted.
Carrier Suppression
20
25
dBc
Unadjusted. Modulation DC offset may be
externally adjusted for maximum suppres-
sion. Suppression is then typically 40dBc.
First LO Harmonics
20
dBc
Odd unfiltered IF
30
dBc
Even unfiltered IF
Power Down
Turn On/Off Time
<100
ns
PD Input Resistance
>50
k
Ω
Power Down “ON”
VCC
V
Threshold voltage
Power Down “OFF”
0
V
Threshold voltage
Power Supply
Voltage
5
V
Specifications
3 to 6.5
V
Operating limits
Current Consumption
35
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com