Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2489 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2489
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2489 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2489 Datasheet HTML 1Page - RF Micro Devices RF2489 Datasheet HTML 2Page - RF Micro Devices RF2489 Datasheet HTML 3Page - RF Micro Devices RF2489 Datasheet HTML 4Page - RF Micro Devices RF2489 Datasheet HTML 5Page - RF Micro Devices RF2489 Datasheet HTML 6Page - RF Micro Devices RF2489 Datasheet HTML 7Page - RF Micro Devices RF2489 Datasheet HTML 8Page - RF Micro Devices RF2489 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary
8-35
RF2489
Rev A10 011017
8
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Cellular Band
JCDMA Band, cont’d
Freq= 869MHz to 894MHz
Freq= 832MHz to 870MHz
Mixer - FM
LO Input Level=-4dBm
Gain
12
13
14
dB
Mixer Preamp ON
2
4
dB
Mixer Preamp OFF
Noise Figure
7
8
dB
Mixer Preamp ON
14
16
dB
Mixer Preamp OFF
Input IP3
+3.0
+5.0
dBm
Mixer Preamp ON
+130
+15.0
dBm
Mixer Preamp OFF
Current
19.5
mA
Mixer Preamp ON/Mixer/LO Input Amps
15.0
mA
Mixer Preamp OFF/Mixer/LO Input Amps
LO to RF Isolation
36
dB
Mixer Preamp ON
30
dB
Mixer Preamp OFF
Other
LO-IF Isolation
30
dB
RF-IF Isolation
40
dB
LNA Out to Mixer In Isolation
40
50
dB
LO-LNA In Isolation, Any State
35
dB
PCS Band
Freq= 1930MHz to 1990MHz
Freq= 1840MHz to 1870MHz
LNA (On)
LNA 50
Ω match
Gain
14.5
16.0
dB
IP SET = 1
14.5
15.0
dB
IP SET = 0
Noise Figure
1.4
1.6
dB
IP SET =1
1.3
1.6
dB
IP SET = 0
Input IP3
+6.0
+8.0
dBm
IP SET = 1
-1.0
+1.0
dBm
IP SET = 0
Current
6.5
mA
IP SET = 1
4.5
mA
IP SET = 0
Isolation
20
dB
LNA (Off)
Gain
-6.5
-5.5
dB
Noise Figure
5
6
dB
Input IP3
+23.0
+26.0
dBm
Current
0
mA
Isolation
5
dB
Mixer
LO Input Level=-4dBm
Gain
11.5
13.0
14.0
dB
Mixer Preamp ON
2.5
4.0
dB
Mixer Preamp OFF
Noise Figure
8.0
9.5
dB
Mixer Preamp ON
15
dB
Mixer Preamp OFF
Input IP3
+2.0
+4.0
dBm
Mixer Preamp ON
+11.0
+13.0
dBm
Mixer Preamp OFF
Current
19.5
mA
Mixer Preamp ON/Mixer/LO Input Amps
15.0
mA
Mixer Preamp OFF/Mixer/LO Input Amps
LO to RF Isolation
36
dB
Mixer Preamp ON
30
dB
Mixer Preamp OFF
Other
LO-IF Isolation
36
dB
RF-IF Isolation
40
dB
LNA Out to Mixer In Isolation
30
40
dB
LO-LNA In Isolation, Any State
35
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com