Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2489 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2489
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2489 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2489 Datasheet HTML 3Page - RF Micro Devices RF2489 Datasheet HTML 4Page - RF Micro Devices RF2489 Datasheet HTML 5Page - RF Micro Devices RF2489 Datasheet HTML 6Page - RF Micro Devices RF2489 Datasheet HTML 7Page - RF Micro Devices RF2489 Datasheet HTML 8Page - RF Micro Devices RF2489 Datasheet HTML 9Page - RF Micro Devices RF2489 Datasheet HTML 10Page - RF Micro Devices RF2489 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary
8-39
RF2489
Rev A10 011017
8
Cascaded Performance (Typical Values for VCC=2.75V)
NOTE: All total current numbers include bias circuitry current of 1.5 mA to 2.0mA (dependent on mode).
Parameter
CELL CDMA
LNA ON
LNA OFF
LNA ON
LNA OFF
Mixer Preamp On
Mixer Preamp Off
Cascaded:
Gain (dB)
24.5
5.5
15.0
-4.0
Noise Figure (dB)
2.2
15.0
5.1
22.0
Input IP3 (dBm)
-6.6
+12.3
+1.9
+19.5
LO to IF Isolation (dB)
30
30
30
30
IF1 to RF Isolation (dB)
40
40
40
40
IF2 to RF Isolation (dB)
40
40
40
40
LO to LNA IN Isolation (dB)
40
40
40
40
Total Current (mA)
27.5
23.0
23.0
18.5
NOTE: Assumes 3dB image filter insertion loss. The TX Buffer Enable is off. Div/2 function is off.
Numbers represent low current LNA bias setting IPSET= 0.
Parameter
FM
LNA ON
LNA OFF
LNA ON
LNA OFF
Mixer Preamp On
Mixer Preamp Off
Cascaded:
Gain (dB)
24.0
5.0
15.0
-4.0
Noise Figure (dB)
2.2
15.0
5.1
22.0
Input IP3 (dBm)
-6.1
+12.7
+2.7
+20.8
LO to IF Isolation (dB)
30
30
30
30
IF1 to RF Isolation (dB)
40
40
40
40
IF2 to RF Isolation (dB)
40
40
40
40
LO to LNA IN Isolation (dB)
40
40
40
40
Total Current (mA)
27.5
23.0
23.0
18.5
NOTE: Assumes 3dB image filter insertion loss. The TX Buffer Enable is off. Div/2 function is off.
Numbers represent low current LNA bias setting IPSET= 0.
Parameter
PCS CDMA
LNA ON
LNA OFF
LNA at Max IIP3, IPSET =1
LNA at Min IIP3, IPSET=0
Mixer Amp ON
Mixer Amp OFF
Mixer Amp ON
Mixer Amp OFF
Mixer Amp ON
Mixer Amp OFF
Cascaded:
Gain (dB)
26.017.025.015.5
5.0
-4.0
Noise Figure (dB)
2.2
4.7
2.3
5.2
16.0
23.0
Input IP3 (dBm)
-9.0
-0.6
-8.5
-2.0
+11.8
+19.8
LO to IF Isolation (dB)
303030303030
IF1 to RF Isolation (dB)
40
40
40
40
40
40
IF2 to RF Isolation (dB)
40
40
40
40
40
40
LO to LNA IN Isolation (dB)
40
40
40
40
40
40
Total Current (mA)
29.525.027.523.023.018.5
NOTE: Assumes 3dB image filter insertion loss. The TX Buffer Enable is off. Div/2 function is off.
Parameter
GPS
Cascaded:
Gain (dB)
34.5
Noise Figure (dB)
1.6
Input IP3 (dBm)
-19
Total Current (mA)
21
NOTE: Assumes 1.5dB image filter insertion loss.
The TX Buffer Enable is off. /2 Select is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com