Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2489 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2489
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2489 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2489 Datasheet HTML 4Page - RF Micro Devices RF2489 Datasheet HTML 5Page - RF Micro Devices RF2489 Datasheet HTML 6Page - RF Micro Devices RF2489 Datasheet HTML 7Page - RF Micro Devices RF2489 Datasheet HTML 8Page - RF Micro Devices RF2489 Datasheet HTML 9Page - RF Micro Devices RF2489 Datasheet HTML 10Page - RF Micro Devices RF2489 Datasheet HTML 11Page - RF Micro Devices RF2489 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Preliminary
8-40
RF2489
Rev A10 011017
8
Control Logic (Single VCO)
Control Logic (Dual VCO)
Application Note 1
The PCS TX LO output pin (pin 7) and the CELL TX LO output pin (pin 8) can be combined. When BAND SEL is set low,
the PCS band LO limiter and PCS TX LO buffer are off. Also, when BAND SEL is set high, the cellular band LO limiter
and frequency divider are off as well as the cellular TX LO buffer. The LO leakage through the path of the disabled LO
limiter/divider and TX LO buffer is insignificant.
Typical LO isolation test data follows:
LO Input Frequency=2128 MHz, PIN=-4dBm, BAND SEL=0, /2 SELECT=1
POUTPIN8=-28dBm at 2128MHz
POUTPIN8=-11dBm at 1064MHz
POUTPIN7=-34dBm at 2128MHz
Mode
BAND SEL
IF SEL
ENABLE
TX BUFF
ENABLE
/2 SELECT
Cellular FM
0
1
1
X
1
Cellular CDMA
0
0
1
X
1
PCS CDMA
1
0
1
X
X
Power Down
1
1
1
X
X
Power Down 2
X
X
0
X
X
TX Buffer Enabled
X
X
1
1
X
/2 Enabled
0
X
1
X
1
Mode
BAND SEL
IF SEL
ENABLE
TX BUFF
ENABLE
/2 SELECT
Cellular FM
0
1
1
X
0
Cellular CDMA
0
0
1
X
0
PCS CDMA
1
0
1
X
X
Power Down
1
1
1
X
X
Power Down 2
X
X
0
X
X
TX Buffer Enabled
X
X
1
1
X
/2 Enabled
0
X
1
X
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com