Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2489 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2489
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2489 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2489 Datasheet HTML 1Page - RF Micro Devices RF2489 Datasheet HTML 2Page - RF Micro Devices RF2489 Datasheet HTML 3Page - RF Micro Devices RF2489 Datasheet HTML 4Page - RF Micro Devices RF2489 Datasheet HTML 5Page - RF Micro Devices RF2489 Datasheet HTML 6Page - RF Micro Devices RF2489 Datasheet HTML 7Page - RF Micro Devices RF2489 Datasheet HTML 8Page - RF Micro Devices RF2489 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ü
8-33
8
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
GND
CELL LNA OUT
CELL LNA EMITTER
CELL LNA IN
GND
PCS LNA IN
/2 SELECT
CDMA-
CDMA+
FM-
FM+
PCS LO OUT
PCS LNA OUT
LO IN
1
3
6
4
5
2
9
14
10
13
11
12
32
27
31
28
30
29
24
22
19
21
20
23
26
25
7
8
15
16
18
17
CELL LO OUT
VCC2
/2
RF2489
DUAL-BAND/TRI-MODE CDMA
LOW NOISE AMPLIFIER/MIXER
• CDMA/Cellular/PCS Handsets
• JCDMA/GPS Handsets
• CDMA Modem/Data Cards
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2489 is a high performance CDMA dual-band/tri-
mode integrated LNA/mixer. The device is designed to
meet all IS-98 sensitivity, intermodulation and single-tone
requirements. The operating voltage is 2.7V and is com-
patible with 1.8V logic for control lines. The RF2489 inte-
grates the dual-band LNA/downconverters with 30dB of
gain control and TX LO buffers. Additionally, a divide-by-2
prescaler to allow the use of a single-band VCO is inte-
grated. The design is flexible, in that the bias currents
may be set using off-chip current reference resistors for
both the LNA and mixer blocks. The device is packaged in
a 5mmx5 mm leadless plastic package.
• 30dB of Stepped LNA/Mixer Gain Control
• Adjustable Mixer & LNA Bias Current/IIP3
• A Divide-by-2 Prescaler
• Meets IMD Tests with Three Gain States/
Two Logic Control Lines
• Integrated TX LO Buffer Amplifiers
RF2489
Dual-Band/Tri-Mode CDMA Low Noise Amplifier/Mixer
RF2489
Dual-Band/Tri-Mode JCDMA/GPS Low Noise
Amplifier/Mixer
RF2489 PCBA
Fully Assembled Evaluation Board
8
Rev A10 011017
1.00
0.85
5.00
sq.
NOTES:
Shaded Pin is Lead 1.
1
Package Warpage: 0.05 mm max.
4
Die Thickness Allowable: 0.305 mm max.
5
Pin 1 identifier must exist on top surface of package by identification
mark or feature on the package body. Exact shape and size is optional.
2
Dimension applies to plated terminal: to be measured between 0.02 mm
and 0.25 mm from terminal end.
3
0.30
0.18
3
0.60
0.24 typ
0.55
0.30
0.50
0.23
0.13
4PLCS
0.05
0.01
0.80
0.65
3.25
2.95 sq.
12°
MAX
0.45
0.20
4PLCS
Package Style: LCC, 32-Pin, 5x5


Similar Part No. - RF2489

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2489 RFMD-RF2489 Datasheet
797Kb / 30P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2489PCBA-41X RFMD-RF2489PCBA-41X Datasheet
797Kb / 30P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2489 RFMD-RF2489_07 Datasheet
797Kb / 30P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2489

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
RF3404 RFMD-RF3404 Datasheet
202Kb / 12P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2890 RFMD-RF2890 Datasheet
183Kb / 14P
DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2489 RFMD-RF2489_07 Datasheet
797Kb / 30P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498_07 Datasheet
682Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF5144 RFMD-RF5144 Datasheet
82Kb / 8P
DUAL-BAND CDMA 800MHz/1900MHz TRI-MODE POWER AMPLIFIER MODULE
RF2498 RFMD-RF2498_1 Datasheet
877Kb / 22P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com