Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2489 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2489
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2489 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2489 Datasheet HTML 1Page - RF Micro Devices RF2489 Datasheet HTML 2Page - RF Micro Devices RF2489 Datasheet HTML 3Page - RF Micro Devices RF2489 Datasheet HTML 4Page - RF Micro Devices RF2489 Datasheet HTML 5Page - RF Micro Devices RF2489 Datasheet HTML 6Page - RF Micro Devices RF2489 Datasheet HTML 7Page - RF Micro Devices RF2489 Datasheet HTML 8Page - RF Micro Devices RF2489 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary
8-37
RF2489
Rev A10 011017
8
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Local Oscillator Input
Cellular - CDMA/FM
Input Power
-10
-4
0
dBm
Input Frequency
685-710
MHz
IF= 184MHz
1053-1078
MHz
IF= 184MHz
1370-1420
MHz
IF= 184MHz with /2 SELECT = 1
2106-2156
MHz
IF= 184MHz with /2 SELECT = 1
Cellular - JCDMA
Input Power
-10
-4
0
dBm
Input Frequency
722-760
MHz
IF= 110MHz
942-980
MHz
IF= 110MHz
1444-1520
MHz
IF= 110MHz with /2 SELECT = 1
1884-1960
MHz
IF= 110MHz with /2 SELECT = 1
PCS
Input Power
-10
-4
0
dBm
Input Frequency
1746-1806
MHz
IF= 184MHz
2114-2174
MHz
IF= 184MHz
GPS
Input Power
-10
-4
0
dBm
Input Frequency
1465.42
MHz
IF= 110MHz
1685.42
MHz
IF= 110MHz
TX (Local Oscillator)
Buffer
Cellular - CDMA/FM
Output Power
-10
-8
dBm
Single-ended 50
Ω load, /2 SELECT=1
Output Frequency
685-710
MHz
IF= 184MHz
1053-1078
MHz
IF= 184MHz
1370-1420
MHz
IF= 184MHz with /2 SELECT = 1
2106-2156
MHz
IF= 184MHz with /2 SELECT = 1
Current Consumption
2
mA
Cellular - JCDMA
Output Power
-10
-8
dBm
Single-ended 50
Ω load, /2 SELECT=1
Output Frequency
722-760
MHz
IF= 110MHz
942-980
MHz
IF= 110MHz
1444-1520
MHz
IF= 110MHz with /2 SELECT = 1
1884-1960
MHz
IF= 110MHz with /2 SELECT = 1
Current Consumption
2
mA
PCS
Output Power
-10
-8
dBm
Single-ended 50
Ω load
Output Frequency
1746-1806
MHz
IF= 184MHz
2114-2174
MHz
IF= 184MHz
Current Consumption
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com