Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3320 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3320
Description  CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3320 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3320 Datasheet HTML 1Page - RF Micro Devices RF3320 Datasheet HTML 2Page - RF Micro Devices RF3320 Datasheet HTML 3Page - RF Micro Devices RF3320 Datasheet HTML 4Page - RF Micro Devices RF3320 Datasheet HTML 5Page - RF Micro Devices RF3320 Datasheet HTML 6Page - RF Micro Devices RF3320 Datasheet HTML 7Page - RF Micro Devices RF3320 Datasheet HTML 8Page - RF Micro Devices RF3320 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Preliminary
3-30
RF3320
Rev A10 010514
3
Serial Bus Block Diagram
Pin
Function
Description
Interface Schematic
1
SHDNB
Chip shutdown pin. Forcing a logic low causes all circuits to switch off
andgainsettingstobelost.
2TX EN
Signal path enable pin. Logic high turns on signal path. Logic low turns
off signal path, but leaves serial bus active.
3NC
Not connected. This pin should be grounded.
4VIN
Input pin. This should be externally AC-coupled to signal source.
See pin 5.
5VINB
Complementary input pin. This should be externally coupled to signal
source. For single-ended use, this pin should be AC-coupled to ground.
6VCC
This pin is connected to the supply voltage.
7VCC
Same as pin 6.
8
RAMP
An external capacitor between this pin and ground controls turn-on
time.
9SCLK
Serial bus clock input.
10
CS
Serial bus enable.
11
SDA
Serial bus data input.
12
VOUTB
Open collector output. Connect to VCC via balun primary.
See pin 13.
13
VOUT
Open collector output. Connect to VCC via balun primary.
14
NC
Same as pin 3.
15
NC
Same as pin 3.
16
GND
Connect to ground.
PKG
BASE
GND
Die is mounted on a heat sink slug that should be connected to ground.
Device grounds are internally bonded to the slug.
550
Ω
550
Ω
V
CC
500
Ω
500
Ω
V
INB
V
IN
300
Ω
V
OUT
V
OUTB
RE
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D
CK
Q
CLR
D0
D1
D2
D3
D4
D5
D6
POR
CS
SDA
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com