Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3320 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3320
Description  CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3320 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3320 Datasheet HTML 1Page - RF Micro Devices RF3320 Datasheet HTML 2Page - RF Micro Devices RF3320 Datasheet HTML 3Page - RF Micro Devices RF3320 Datasheet HTML 4Page - RF Micro Devices RF3320 Datasheet HTML 5Page - RF Micro Devices RF3320 Datasheet HTML 6Page - RF Micro Devices RF3320 Datasheet HTML 7Page - RF Micro Devices RF3320 Datasheet HTML 8Page - RF Micro Devices RF3320 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
3-27
3
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SHDNB
TX EN
NC
VIN
VINB
VCC
VCC
RAMP
GND
NC
NC
VOUT
VOUTB
SDA
CS
SCLK
Power
Control
Gain Control
and Serial Bus
RF3320
CABLE REVERSE PATH
PROGRAMMABLE GAIN AMPLIFIER
• Euro-DOCSIS/DOCSIS Cable Modems
• CATV Set-Top Boxes
• Telephony Over Cable
•Home Networks
• Automotive/Mobile Multimedia
• Coaxial and Twisted Pair Line Driver
The RF3320 is a variable gain amplifier for use in CATV
reverse path (upstream) applications. It is DOCSIS-com-
pliant for use in cable modems. The gain control covers a
58dB range and is serially programmable via three-wire
digital bus for compatibility with standard baseband
chipsets. Amplifier shutdown and transmit disable modes
are software- and hardware-controlled. The device is
placed into software-shutdown mode via the serial control
bus. The device operates over the frequency band of
5 MHz to 65MHz for use in current U.S. and European
systems. The amplifier delivers up to 60dBmV at the out-
put of the balun. Gain is controllable in accurate 1 dB
steps. The device is provided in a thermally enhanced,
exposed die flag package.
• Single 5V Supply
• Differential Input and Output
• -30dB to +28dB Voltage Gain Range
•5MHz to 65MHz Operation
• Sophisticated Power Management
• DOCSIS 1.1 RF Compliant
RF3320
Cable Reverse Path Programmable Gain Amplifier
RF3320 PCBA
Fully Assembled Evaluation Board
3
Rev A10 010514
NOTES:
1. Shaded lead is pin 1.
2. Lead coplanarity - 0.10 with
respect to datum "A".
3. Lead standoff is specified from
the lowest point on the package
underside.
8° MAX
0° MIN
0.60
+ 0.15
0.24
0.20
3.90
+ 0.10
0.25
+ 0.05
0.65
6.00
+ 0.20
4.90
+ 0.20
EXPOSED DIE
FLAG
3.302
2.286
1.40
+ 0.10
0.05
+ 0.05
Note 3
-A-
Package Style: SSOP-16 EDF Slug


Similar Part No. - RF3320

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3321 RFMD-RF3321 Datasheet
195Kb / 16P
REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
RF3321PCBA RFMD-RF3321PCBA Datasheet
195Kb / 16P
REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
RF3322 RFMD-RF3322 Datasheet
169Kb / 14P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
RF3322PCBA RFMD-RF3322PCBA Datasheet
169Kb / 14P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
More results

Similar Description - RF3320

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3321 RFMD-RF3321 Datasheet
195Kb / 16P
REVERSE PATH HIGH OUTPUT POWER PROGRAMMABLE GAIN AMPLIFIER
RF3322 RFMD-RF3322 Datasheet
169Kb / 14P
CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
Programmable Gain AMPLIFIER
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
Programmable Gain Amplifier
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
Programmable Gain Amplifier
07/2008
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
Programmable Gain AMPLIFIER
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com