Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3320 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF3320
Description  CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3320 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF3320 Datasheet HTML 7Page - RF Micro Devices RF3320 Datasheet HTML 8Page - RF Micro Devices RF3320 Datasheet HTML 9Page - RF Micro Devices RF3320 Datasheet HTML 10Page - RF Micro Devices RF3320 Datasheet HTML 11Page - RF Micro Devices RF3320 Datasheet HTML 12Page - RF Micro Devices RF3320 Datasheet HTML 13Page - RF Micro Devices RF3320 Datasheet HTML 14Page - RF Micro Devices RF3320 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Preliminary
3-37
RF3320
Rev A10 010514
3
-1 dB Compression Point
(GCW = 58)
60.0
61.0
62.0
63.0
64.0
65.0
66.0
67.0
68.0
33.8
34.8
35.8
36.8
37.8
38.8
39.8
40.8
41.8
Power In (dBmV)
Gain Control Word = 58
Trend
-1 dB Compression Point
(GCW = 29)
31.0
32.0
33.0
34.0
35.0
36.0
37.0
38.0
39.0
40.0
33.8
34.8
35.8
36.8
37.8
38.8
39.8
40.8
41.8
Power In (dBmV)
Gain Control Word = 29
Trend
Second Harmonic versus Frequency and Output Level
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
Frequency (MHz)
30dBmV
57dBmV
60dBmv
Third Harmonic versus Frequency and Output Level
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
Frequency (MHz)
30dBmV
57dBmV
60dBmV
Gain versus Supply Voltage
at Gain Control Word = 0
-30.0
-29.8
-29.6
-29.4
-29.2
-29.0
-28.8
-28.6
-28.4
-28.2
-28.0
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Supply Voltage (V)
5MHz at 85°C
42 MHz at 85°C
65 MHz at 85°C
5MHz at 0°C
42 MHz at 0°C
65 MHz at 0°C
5MHz at -40°C
42 MHz at -40°C
65 MHz at -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com