Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3320 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF3320
Description  CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3320 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF3320 Datasheet HTML 5Page - RF Micro Devices RF3320 Datasheet HTML 6Page - RF Micro Devices RF3320 Datasheet HTML 7Page - RF Micro Devices RF3320 Datasheet HTML 8Page - RF Micro Devices RF3320 Datasheet HTML 9Page - RF Micro Devices RF3320 Datasheet HTML 10Page - RF Micro Devices RF3320 Datasheet HTML 11Page - RF Micro Devices RF3320 Datasheet HTML 12Page - RF Micro Devices RF3320 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Preliminary
3-35
RF3320
Rev A10 010514
3
Gain versus Gain Control Word
at 5 MHz
-32.0
-22.0
-12.0
-2.0
8.0
18.0
28.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
Gain Control Word
Current versus Gain Control Word
90.0
95.0
100.0
105.0
110.0
115.0
120.0
125.0
130.0
135.0
140.0
145.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
Gain Control Word
Gain versus Frequency
-35
-25
-15
-5
5
15
25
5
25
45
65
85
105
125
145
165
185
205
225
245
Frequency (MHz)
Gain Control Word = 58
Gain Control Word = 29
Gain Control Word = 0
Gain versus Supply Voltage
(GCW = 58)
25.40
25.90
26.40
26.90
27.40
27.90
28.40
4.70 4.75 4.80
4.85
4.90 4.95 5.00 5.05 5.10
5.15
5.20 5.25 5.30
Voltage (V)
5MHz
42 MHz
65 MHz
Gain versus Supply Voltage
(GCW = 0)
-30.00
-29.80
-29.60
-29.40
-29.20
-29.00
-28.80
-28.60
-28.40
-28.20
-28.00
4.70 4.75 4.80
4.85 4.90
4.95 5.00 5.05 5.10 5.15 5.20
5.25 5.30
Voltage (V)
5MHz
42 MHz
65 MHz
Gain versus Supply Voltage
(GCW = 29)
-1.40
-1.20
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
4.70
4.75
4.80 4.85 4.90
4.95
5.00 5.05 5.10
5.15
5.20 5.25 5.30
Voltage (V)
5MHz
42 MHz
65 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com