Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3320 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF3320
Description  CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3320 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF3320 Datasheet HTML 6Page - RF Micro Devices RF3320 Datasheet HTML 7Page - RF Micro Devices RF3320 Datasheet HTML 8Page - RF Micro Devices RF3320 Datasheet HTML 9Page - RF Micro Devices RF3320 Datasheet HTML 10Page - RF Micro Devices RF3320 Datasheet HTML 11Page - RF Micro Devices RF3320 Datasheet HTML 12Page - RF Micro Devices RF3320 Datasheet HTML 13Page - RF Micro Devices RF3320 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Preliminary
3-36
RF3320
Rev A10 010514
3
Gain versus Frequency
at Gain Control Word = 58
24.0
24.5
25.0
25.5
26.0
26.5
27.0
27.5
28.0
28.5
5
55
105
155
205
255
Frequency (MHz)
Temp = 85°C
Temp = 0°C
Temp = -40°C
Gain versus Frequency
at Gain Control Word = 25
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
5
55
105
155
205
255
Frequency (MHz)
Temp = 85°C
Temp = 0°C
Temp = -40°C
Gain versus Frequency
at Gain Control Word = 0
-31.5
-31.0
-30.5
-30.0
-29.5
-29.0
-28.5
-28.0
-27.5
-27.0
-26.5
-26.0
5
55
105
155
205
255
Frequency (MHz)
Temp = 85°C
Temp = 0°C
Temp = -40°C
Gain versus Gain Control Word
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
0
10
203040
50
Gain Control Word
85°C
0°C
-40°C
Gain versus Supply Voltage
at Gain Control Word = 58
27.0
27.2
27.4
27.6
27.8
28.0
28.2
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Supply Voltage (V)
5 MHz at 85°C
42 MHz at 85°C
65 MHz at 85°C
5 MHz at 0°C
42 MHz at 0°C
65 MHz at 0°C
5 MHz at -40°C
42 MHz at -40°C
65 MHz at -40°C
Gain versus Supply Voltage
at Gain Control Word = 29
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Supply Voltage (V)
5 MHz at 85°C
42 MHz at 85°C
65 MHz at 85°C
5MHz at 0°C
42 MHz at 0°C
65 MHz at 0°C
5MHz at -40°C
42 MHz at -40°C
65 MHz at -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com