Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7230LS Datasheet(PDF) 2 Page - Rohm

Part # BA7230LS
Description  NTSC color TV signal encoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7230LS Datasheet(HTML) 2 Page - Rohm

  BA7230LS Datasheet HTML 1Page - Rohm BA7230LS Datasheet HTML 2Page - Rohm BA7230LS Datasheet HTML 3Page - Rohm BA7230LS Datasheet HTML 4Page - Rohm BA7230LS Datasheet HTML 5Page - Rohm BA7230LS Datasheet HTML 6Page - Rohm BA7230LS Datasheet HTML 7Page - Rohm BA7230LS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Multimedia ICs
BA7230LS
•Input / output circuits
3
2
1
24
23
22
21
20
19
18
17
16
15
12
11
10
9
8
7
6
5
4
CLAMP
CLAMP
500
Ω
5.6k
Ω
10k
Ω
10k
Ω
500
Ω
10k
Ω
11k
Ω
4.3k
Ω
5k
Ω
6.8k
Ω
1k
Ω
GND
15k
Ω
3.2V
2.2V
VCC
BA7230LS
VCC
3.4V
2.7V
2V
2V
14
13
6.8k
Ω
1V
Fig. 1
•Absolute maximum ratings (Ta = 25°C)
•Recommended operating conditions
Parameter
Symbol
Limits
Unit
Power supply voltage
7.0
V
Power dissipation
500∗
mW
Operating temperature
Storage temperature
°C
°C
– 20 ~ + 70
– 55 ~ + 125
VCC
Pd
Topr
Tstg
∗ Reduced by 5.0mW for each increase in Ta of 1°C over 25°C.
Parameter
Symbol
Limits
Unit
VCC
V
4.5 ~ 5.5
VR
VP-P
0 ~ 0.7
VG
VP-P
0 ~ 0.7
VB
VP-P
0 ~ 0.7
VIN
VP-P
0 ~ 1.0
Power supply voltage
R input level
G input level
B input level
Video input level



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com