Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7230LS Datasheet(PDF) 3 Page - Rohm

Part # BA7230LS
Description  NTSC color TV signal encoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7230LS Datasheet(HTML) 3 Page - Rohm

  BA7230LS Datasheet HTML 1Page - Rohm BA7230LS Datasheet HTML 2Page - Rohm BA7230LS Datasheet HTML 3Page - Rohm BA7230LS Datasheet HTML 4Page - Rohm BA7230LS Datasheet HTML 5Page - Rohm BA7230LS Datasheet HTML 6Page - Rohm BA7230LS Datasheet HTML 7Page - Rohm BA7230LS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Multimedia ICs
BA7230LS
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Conditions
Quiescent current
IQ
—38
54
mA
—
Video output level
VOV
1.7
2.2
2.6
VP-P
VIDEO IN = 1VP-P
Half down level change
GVH
– 3
– 5
– 7
dB
—
DC offset
VOF
—
50
160
mVP-P
VIDEO IN = 1VP-P
Crosstalk
CT
—
– 46
– 40
dB
VIDEO IN = 1VP-P
VR-Y
0.3
0.42
0.55
VP-P
VB-Y
0.2
0.31
0.42
VP-P
YOUT output level
VY
1.0
1.4
1.8
VP-P
VR = VG = VB = 0.7VP-P
Ys switching delay time
TD
—
60
—
ns
—
—
SYNC output level
VOS
0.4
0.65
0.9
VP-P
Burst output level
VOB
0.25
0.46
0.8
VP-P
RE = 1.8k
Ω
Composite output level
VOY
1.7
2.2
2.6
VP-P
YIN = 0.7VP-P
GR-Y
911
13
dB
GB-Y
911
13
dB
GR-B
—
—
2
dB
Difference between above gains
– 6
—
6
deg
—
– 6
—
6
deg
—
Carrier leak
LSC
—30
70
mVP-P
VOUT = 2VP-P
APC capture range
fCAP
± 100
—
—
Hz
Carrier phase range
φSC
± 30
± 45
—
deg
Superimposition
Video frequency characteristic
fV
4.5
6
—
MHz
– 3dB when f = 100kHz
Video output DG
DG
—
± 3.5
—
%
VIDEO IN = 1VP-P
Video output DP
DP
—
± 2.5
—
deg
VIDEO IN = 1VP-P
ZT
815
—
k
Ω
—
Input impedance (Ys)
ZTY
3
7.5
—
k
Ω
—
VT
0.9
2.0
2.8
V
—
Threshold level (Ys)
VTY
0.5
1.1
1.8
V
—
Unit
ER-EY output level
EB-EY output level
R-Y modulation gain
B-Y modulation gain
(R-Y) / (B-Y) modulation gain differential
(R-Y) / (B-Y) orthogonal phase shift
(R - Y) ·Burst orthogonal phase shift
Input impedance (SY, BF, PC, HD)
Threshold level (SY, BF, PC, HD)
VR = 0.7VP-P
VB = 0.7VP-P
R - YIN = 0.3VP-P
B - YIN = 0.2VP-P
Burst = 0.1VP-P, 2.8
µS
∆R
∆B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com