Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7230LS Datasheet(PDF) 1 Page - Rohm

Part # BA7230LS
Description  NTSC color TV signal encoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7230LS Datasheet(HTML) 1 Page - Rohm

  BA7230LS Datasheet HTML 1Page - Rohm BA7230LS Datasheet HTML 2Page - Rohm BA7230LS Datasheet HTML 3Page - Rohm BA7230LS Datasheet HTML 4Page - Rohm BA7230LS Datasheet HTML 5Page - Rohm BA7230LS Datasheet HTML 6Page - Rohm BA7230LS Datasheet HTML 7Page - Rohm BA7230LS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Multimedia ICs
NTSC color TV signal encoder
BA7230LS
The BA7230LS comprises an RGB signal matrix circuit, balanced modulator circuit (rectangular 2-phase modula-
tion), oscillator circuit (VCXO) for a 3.58MHz subcarrier synchronized with video input burst signals, luminosity and
color difference signal mixing circuit, and a high speed switch for selecting composite signals of video input and RGB
input. RGB signals, synch signals, BFP (burst flag pulses), PCP (pedestal clamp pulses) are input, and an NTSC
composite signal is output.
•Applications
Televisions (Teletext-capable), captain systems, video cameras, personal computers
•Features
1) Allows superimposition of video images (VIDEO IN)
and computer images (RGB IN).
2) During superimposition, the subcarrier locked onto
the video input burst signal RGB is modulated with
the RGB signals by the APC circuit, preventing
unnatural color disturbance due to switching.
3) Both the RGB and video input signals are pedestal-
clamped, maintaining a natural image even during
fluctuation in luminosity.
4) Using a half down pulse, the video signal can be
reduced by 5dB to darken the background and
make the superimposed RGB image easier to see.
5) Carrier leak is suppressible to less than 70mVP-P
(VOUT = 2VP-P) without adjustment.
6) Can be adapted for analog RGB input.
7) Compact 24-pin SZIP package minimizes external
components.
•Block diagram
1
VIDEO OUT
3
Y IN
5
R-Y IN
7
VC
9
APC PHASE
ADJUSTMENT
11
VA
13
AR
15
AB
17
B-Y OUT
19
GND
21
PCP IN
23
YSP IN
2
SYNC IN
BA7230LS
4
B-Y IN
6
PD
8
VB
10
BURST LEVEL
ADJUSTMENT
12
BFP IN
14 AG
16 Y OUT
18 R-Y OUT
20 VIDEO IN
22 HDP IN
24 VCC
VCC
B - Y
R - Y
+
HD
MATRIX
PD
VCXO
MOD
MOD
+


Similar Part No. - BA7230LS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7232 ROHM-BA7232 Datasheet
74Kb / 6P
Color TV Signal Encoder
BA7232FS ROHM-BA7232FS Datasheet
74Kb / 6P
Color TV Signal Encoder
More results

Similar Description - BA7230LS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52030ASP MITSUBISHI-M52030ASP Datasheet
812Kb / 8P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52335SP MITSUBISHI-M52335SP Datasheet
276Kb / 29P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
Rohm
BA7232FS ROHM-BA7232FS Datasheet
74Kb / 6P
Color TV Signal Encoder
BA7242F ROHM-BA7242F Datasheet
61Kb / 5P
Color TV signal encoder
BH7236AF ROHM-BH7236AF Datasheet
71Kb / 6P
Color TV Signal Encoder
BH7240AKV ROHM-BH7240AKV Datasheet
92Kb / 9P
Color TV signal encoder
logo
Panasonic Semiconductor
AN5163K PANASONIC-AN5163K Datasheet
696Kb / 10P
NTSC COLOR TV SIGNAL PROCESSOR IC
logo
Mitsubishi Electric Sem...
M52303ASP MITSUBISHI-M52303ASP Datasheet
970Kb / 31P
NTSC System Single-Chip color TV Signal processor
logo
Rohm
BH7236AF ROHM-BH7236AF_1 Datasheet
269Kb / 6P
Color TV signal encoder
BH7240AKV ROHM-BH7240AKV_1 Datasheet
297Kb / 6P
Color TV signal encoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com