Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7230LS Datasheet(PDF) 8 Page - Rohm

Part # BA7230LS
Description  NTSC color TV signal encoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7230LS Datasheet(HTML) 8 Page - Rohm

  BA7230LS Datasheet HTML 1Page - Rohm BA7230LS Datasheet HTML 2Page - Rohm BA7230LS Datasheet HTML 3Page - Rohm BA7230LS Datasheet HTML 4Page - Rohm BA7230LS Datasheet HTML 5Page - Rohm BA7230LS Datasheet HTML 6Page - Rohm BA7230LS Datasheet HTML 7Page - Rohm BA7230LS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Multimedia ICs
BA7230LS
SZIP24
0.889
1
2
23
24
0.5
± 0.1
+ 0.1
– 0.05
2.54
± 0.25
0.3
21.8
± 0.2
2.8
± 0.2
•Operation notes
(1) RGB and video inputs should be synchronized.
When only RGB is input, connect VIDEO IN (pin 20) to
GND with a 1
µF capacitor, and synchronize PCP and
BFP to RGB.
(3) Input pins with pedestal clamps cannot be left open
and must be grounded with a low impedance. When
not used, ground with a 1
µF capacitor.
∗Input pins with pedestal clamps:
YIN (pin 3), B-YIN (pin 4), R-YIN (pin 5), VIDEO IN (pin 20)
(2) The VCXO remains in a
free-running state except
during superimposition.
(4) Pin 4 (B-YIN) and pin 5
(R-YIN) have high imped-
ance and are susceptible
to the effects of noise and
other external factors dur-
ing pattern generation. For
this reason, we recom-
mend adding the circuit in
Fig. 15 to lower the input
impedance. Adding this cir-
cuit can also reduce carrier
leakage.
1
µF
1
µF
Fig. 14
L1 R16 1k
Ω
18
1.2mH
LPF
0.5MHz
L2 R17 1k
Ω
17
4
VCC
Q1
Q1, Q2: 2SC2021
(ROHM)
3k
Ω
VCC
Q2
C10
C11
3k
Ω
300
Ω
1
µF
1
µF+
+
300
Ω
5
1.2mH
Fig. 15
+ lock
+ cap
400
600
200
f0 = 0
– 200
– 400
– 600
0
200
400
INPUT VOLTAGE: VIN (mVp-p)
600 700
500
300
100
800
– cap
– lock
f0 = 3579.545kHz
VCC = 5V
Fig. 13 Capture range and
lock range (@) vs. input
voltage
•External dimensions (Units: mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com