Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7230LS Datasheet(PDF) 5 Page - Rohm

Part # BA7230LS
Description  NTSC color TV signal encoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7230LS Datasheet(HTML) 5 Page - Rohm

  BA7230LS Datasheet HTML 1Page - Rohm BA7230LS Datasheet HTML 2Page - Rohm BA7230LS Datasheet HTML 3Page - Rohm BA7230LS Datasheet HTML 4Page - Rohm BA7230LS Datasheet HTML 5Page - Rohm BA7230LS Datasheet HTML 6Page - Rohm BA7230LS Datasheet HTML 7Page - Rohm BA7230LS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Multimedia ICs
BA7230LS
CLAMP
MATRIX
ER - EY
MOD
PD
MOD
– 5dB
RG
B
R1
C1
R2
R3
C17
VCC (5V)
C16
YOUT
R4
DL1
16
+
1
µF
1
µF
RGB
Video
0.047
µF
1
µF +
R15
C9
IN
1k
Ω
BFP
VR4
VCC
VCC
VR3
VR2
C11
Q1
1.2 mH L1 R16 1k
Ω
2SC2021
C10
Q2
2SC2021
Burst
LEVEL
ADJ
10
µF
0.047
µF
SYNC
13
+
14
+
15
2
24
19 GND
1k
Ω
R5
YS
R6
DL2
R7
1k
Ω
1k
Ω
1k
Ω
DLY
(400ns)
TRP
(3.58M)
DLY
YIN
VCC
VR1
VCC
R6
R13
R14
TC1
Q3
R10
R11
C19
R12
2.7k
C61
µ
0.047
µF
C15
C7
C8
C5
APS
PHASE
ADJ
3
23
11
12
OUT
COMPOSITE
7
8
9
22
10
20
1
µF
+ 5
1
µF
+ 4
17
BA7230LS
B - Y
Y
R - Y
18
6dB
6dB
Y
21
PCP
VIDEO
6
+
75
Ω
1.2k
Ω
OUT
2SC2021
820
Ω
X'TAL1
10pF
82pF
560
Ω
HDP
0dB
– 5dB
5k
Ω
3k
Ω
300
Ω
3k
Ω
300
Ω
68pF
+
+
+
+
(2VP-P)
BG
VCXO
L2
LPF
R17 1k
Ω
EB - EY
1.2mH
C4
DL1, DL2: X503 (SUMIDA)
L1, L2: RC-875 1.2mH (SUMIDA)
TC1: TZ03R200E (MURATA)
Q1, Q2, Q3: 2SC2021 (ROHM)
XTAL1: HC – 43U 3579.545kHz (NIKKO DENSHI)
BG
Fig. 3
•Application example



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com